Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7563 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7563
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7563 Datasheet HTML 2Page - STMicroelectronics TDA7563 Datasheet HTML 3Page - STMicroelectronics TDA7563 Datasheet HTML 4Page - STMicroelectronics TDA7563 Datasheet HTML 5Page - STMicroelectronics TDA7563 Datasheet HTML 6Page - STMicroelectronics TDA7563 Datasheet HTML 7Page - STMicroelectronics TDA7563 Datasheet HTML 8Page - STMicroelectronics TDA7563 Datasheet HTML 9Page - STMicroelectronics TDA7563 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TDA7563
6/20
Figure 2. Quiescent Current vs. Supply Voltage
Figure 3. Output Power vs. Supply Voltage (4
Ω)
Figure 4. Output Power vs. Supply Voltage (2
Ω)
Figure 5. Distortion vs. Output Power (4
Ω, STD)
Figure 6. Distortion vs. Output Power (4
Ω, HI-EFF)
Figure 7. Distortion vs. Output Power (2
Ω, STD)
8
1012
141618
Vs (V)
70
90
110
130
150
170
190
210
230
250
Id (mA)
Vin = 0
NO LOADS
Vs (V)
8
9
10
11
12
13
14
15
16
17
18
5
10
15
20
25
30
35
40
45
50
55
60
65
70
Po (W)
RL = 4 Ohm
f = 1 KHz
THD = 10 %
Po-max
THD = 1 %
8
9
10
11
12
13
14
15
16
Vs (V)
10
20
30
40
50
60
70
80
90
100
Po (W)
RL = 2 Ohm
f = 1 KHz
THD = 10 %
Po-max
THD = 1 %
0.1
1
10
Po (W)
0.01
0.1
1
10
THD (%)
f = 10 KHz
STANDARD MODE
Vs = 14.4 V
RL = 4 Ohm
f = 1 KHz
0.1
1
10
Po (W)
0.001
0.01
0.1
1
10
THD (%)
f = 10 KHz
HI-EFF MODE
Vs = 14.4 V
RL = 4 Ohm
f = 1 KHz
0.1
1
10
Po (W)
0.01
0.1
1
10
THD (%)
f = 10 KHz
HI-EFF MODE
Vs = 14.4 V
RL = 2 Ohm
f = 1 KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com