Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8138 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8138
Description  5.1V 12V REGULATOR WITH DISABLE AND RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8138 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8138 Datasheet HTML 1Page - STMicroelectronics TDA8138 Datasheet HTML 2Page - STMicroelectronics TDA8138 Datasheet HTML 3Page - STMicroelectronics TDA8138 Datasheet HTML 4Page - STMicroelectronics TDA8138 Datasheet HTML 5Page - STMicroelectronics TDA8138 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
May 1993
5.1V +12V REGULATOR WITH DISABLE AND RESET
TDA8138
.
OUTPUT CURRENTS UP TO 1A
.
FIXED PRECISION OUTPUT 1 VOLTAGE
5.1V +/- 2%
.
FIXED PRECISION OUTPUT 2 VOLTAGE
12V +/- 2%
.
OUTPUT 1 WITH RESET FACILITY
.
OUTPUT 2 WITH DISABLE BY TTL INPUT
.
SHORT CIRCUIT PROTECTION AT BOTH
OUTPUTS
.
THERMAL PROTECTION
.
LOW DROP OUTPUT VOLTAGE
.
AVAILABLE ALSO IN HEPTAWATT PACKAGE
IN TWO VERSIONS : TDA8138A (DISABLE
ONLY), TDA8138B (RESET ONLY)
DESCRIPTION
The TDA8138 is a monolithic dual positive voltage
regulator designed to provide fixed precision output
voltages of 5.1V and 12V at currents up to 1A.
An internal reset circuit generates a reset pulse
when the output 1 decrease below the regulated
voltage value (for TDA8138 and TDA8138B).
Output 2 can be disabled by TTL input (for
TDA8138 and TDA8138A).
Short circuit and thermal protections are included
in all the versions.
PIN CONNECTIONS
HEPTAWAT
(Plastic Package)
ORDER CODE : TDA8138A / TDA8138B
SIP9
(Plastic Package)
ORDER CODE : TDA8138
OUTPUT1
OUTPUT2
GROUND
INPUT 2
INPUT 1
1
2
3
4
5
6
7
N.C. FOR TDA8138A
RESET FOR TDA8138B
DISABLEFOR TDA8138A
DEL. CAPA FOR TDA8138B
Tab. connected to Pin 4
HEPTAWATT
1
2
3
4
5
6
7
8
9
DEL. CAP.
DISABLE
RESET
N.C.
OUTPUT 2
OUTPUT 1
INPUT 1
INPUT 2
GROUND
Tab. connected to Pin 5
SIP9
1/6


Similar Part No. - TDA8138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8132 STMICROELECTRONICS-TDA8132 Datasheet
43Kb / 4P
5.1V 12V DISABLE VOLTAGE REGULATOR
Jan-1996
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
82Kb / 5P
5.1V 8V REGULATOR WITH DISABLE AND RESET
Mar-1994
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
185Kb / 14P
5.1 V and 8 V dual voltage regulator with disable and reset functions
05-Mar-2009
TDA8133D STMICROELECTRONICS-TDA8133D Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
More results

Similar Description - TDA8138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8132 STMICROELECTRONICS-TDA8132 Datasheet
43Kb / 4P
5.1V 12V DISABLE VOLTAGE REGULATOR
Jan-1996
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
82Kb / 5P
5.1V 8V REGULATOR WITH DISABLE AND RESET
Mar-1994
TDA8137 STMICROELECTRONICS-TDA8137 Datasheet
81Kb / 5P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
Sep-1993
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
Sep-1993
TDA8136 STMICROELECTRONICS-TDA8136 Datasheet
135Kb / 5P
DUAL 12V REGULATOR WITH DISABLE
Sep-1993
logo
List of Unclassifed Man...
ILA8138A ETC1-ILA8138A Datasheet
34Kb / 5P
5.1V 12V REGULATOR WITH DISABLE AND RESET
logo
Integral Corp.
ILA8133A INTEGRAL-ILA8133A Datasheet
93Kb / 2P
5.1V 8V REGULATOR WITH DISABLE
logo
KODENSHI_AUK CORP.
KKA8133A KODENSHI-KKA8133A Datasheet
101Kb / 4P
DUAL 5.1V 8V REGULATOR WITH DISABLE AND RESET
KKA8137 KODENSHI-KKA8137 Datasheet
155Kb / 4P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
KKA8138A KODENSHI-KKA8138A Datasheet
102Kb / 4P
5.1V 12V REGULATOR WITH DISABLE AND RESET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com