Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8133 Datasheet (PDF) - STMicroelectronics

TDA8133 Datasheet PDF - STMicroelectronics
Part # TDA8133
Download  TDA8133 Download
File Size   82.7 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5.1V 8V REGULATOR WITH DISABLE AND RESET

TDA8133 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA8133 Datasheet PDF - STMicroelectronics

Part # TDA8133
Download  TDA8133 Click to download

File Size   82.7 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5.1V 8V REGULATOR WITH DISABLE AND RESET

TDA8133 Datasheet (HTML) - STMicroelectronics


TDA8133 Product details

DESCRIPTION
The TDA8133 and the TDA8133D are monolithic dual positive voltage regulators designed to provide fixed precision output voltages of 5.1 V and 8.0 V for currents up to 750 mA.
An internal reset circuit generates a reset pulse when the voltage of Output 1 drops below the regulated voltage value.
Output 2 can be disabled via the TTL input.
Short-circuit and thermal protections are included in all versions.

FEATURES
■ Input Voltage Range: 7 V to 18 V
■ Output Currents up to 750 mA
■ Fixed Precision Output 1 Voltage: 5.1 V ±2%
■ Fixed Precision Output 2 Voltage: 8 V ±2%
■ Output 1 with Reset Function
■ Output 2 with Disable Function by TTL Input
■ Short-circuit Protection at both Outputs
■ Thermal Protection
■ Low Dropout Voltage




Similar Part No. - TDA8133

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
185Kb / 14P
5.1 V and 8 V dual voltage regulator with disable and reset functions
05-Mar-2009
TDA8133D STMICROELECTRONICS-TDA8133D Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
TDA8133D STMICROELECTRONICS-TDA8133D Datasheet
185Kb / 14P
5.1 V and 8 V dual voltage regulator with disable and reset functions
05-Mar-2009
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
More results


Similar Description - TDA8133

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4902A STMICROELECTRONICS-L4902A Datasheet
113Kb / 9P
DUAL 5V REGULATOR WITH RESET AND DISABLE
Jun-2000
TDA8132 STMICROELECTRONICS-TDA8132 Datasheet
43Kb / 4P
5.1V 12V DISABLE VOLTAGE REGULATOR
Jan-1996
TDA8137 STMICROELECTRONICS-TDA8137 Datasheet
81Kb / 5P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
Sep-1993
TDA8138 STMICROELECTRONICS-TDA8138 Datasheet
103Kb / 6P
5.1V 12V REGULATOR WITH DISABLE AND RESET
May-1993
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
Sep-1993
logo
List of Unclassifed Man...
ILA8138A ETC1-ILA8138A Datasheet
34Kb / 5P
5.1V 12V REGULATOR WITH DISABLE AND RESET
logo
Integral Corp.
ILA8133A INTEGRAL-ILA8133A Datasheet
93Kb / 2P
5.1V 8V REGULATOR WITH DISABLE
logo
KODENSHI_AUK CORP.
KKA8133A KODENSHI-KKA8133A Datasheet
101Kb / 4P
DUAL 5.1V 8V REGULATOR WITH DISABLE AND RESET
KKA8137 KODENSHI-KKA8137 Datasheet
155Kb / 4P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
KKA8138A KODENSHI-KKA8138A Datasheet
102Kb / 4P
5.1V 12V REGULATOR WITH DISABLE AND RESET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com