Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8133 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8133
Description  5.1V 8V REGULATOR WITH DISABLE AND RESET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8133 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8133 Datasheet HTML 1Page - STMicroelectronics TDA8133 Datasheet HTML 2Page - STMicroelectronics TDA8133 Datasheet HTML 3Page - STMicroelectronics TDA8133 Datasheet HTML 4Page - STMicroelectronics TDA8133 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHRACTERISTICS (VIN1 = 7V, VIN2 = 10V, Tj = 25
oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO1
Output Voltage
IO1 = 10mA
5
5.1
5.2
V
VO2
Output Voltage
IO2 = 10mA
7.84
8
8.16
V
VO1
Output Voltage
7V < VIN1 < 14V
10V < VIN2 < 14V
5mA < IO1,2 < 750mA
4.9
5.3
V
VO2
Output Voltage
7.7
8.3
V
VIO1,2
Dropout Voltage
IO1,2 = 750mA
1.4
V
VO1,2LI
Line Regulation
7V < VIN1 < 14V
10V < VIN2 < 14V
IO1,2 = 200mA
50
80
mV
mV
VO1,2LO
Load Regulation
5mA < IO1 < 0.6A
5mA < IO2 < 0.6A
100
160
mV
mV
IQ
Quiescent Current
IO1 = 10mA
Output 2 Disabled
2mA
VO1RST
Reset Thrseshold Voltage
K = VO1
K - 0.4
K -
0.25
K - 0.1
V
VRTH
Reset Thrseshold Hysteresis
See circuit description
20
50
75
mV
tRD
Reset Pulse Delay
Ce = 100nF
See circuit description
25
ms
VRL
Saturation Voltage in Reset Condition
I5 = 5mA
0.4
V
IRH
Leakage Current in Normal Condition at Pin 6
V5 = 10V
10
µA
KO1,2
Output Voltage Thermal Drift
Tj = 0 to 125
oC
KO
=
∆VO ⋅ 106
∆T ⋅ VO
100
ppm/
oC
IO1,2SC
Short Circuit Output Current
VIN1 = 7V, VIN2 = 10V
VIN1,2 = 16V (see Note)
1.6
1
A
A
VDISH
Disable Voltage High (out 2 active)
2
V
VDISL
Disable Voltage Low (out 2 disabled)
0.8
V
IDIS
Disable Bias Current
0V < VDIS < 7V
-100
2
µA
Tjsd
Junction Temperature for Thermal Shut Down
145
oC
Note : Safe permanent short-circuit is only guaranteed for input voltages up to 16V.
The TDA8133 is a dual voltage regulator with Reset
and Disable.
The two regulation parts are supplied from one
voltage reference circuit trimmed by zener zap
during EWS test.
Since the supply voltage of this last is connected at
Pin 1 (VIN1), the regulator 2 will not work if Pin 1 is
not supplied.
The outputs stage have been realized in darlington
configuration with a drop typical 1.2V.
The disable circuit, switch-off the output 2 if a
voltage lower than 0.8V is applied at Pin 4.
The Reset circuit checks the voltage at the out-
put 1. If this one goes below VOUT - 0.25V (4.85V
typ.), the comparator "a" (see Figure 1) discharges
rapidly the capacitor Ce and the reset output goes
at once Low. When the voltage at the out1 rises
above VOUT - 0.2V (4.9V typ.), the voltage VCe
increases linearly to 2.5V corresponding to a delay
td following the law : t1
=
Ce
⋅ 2.5V
10
µA
(see Figure 2),
then the reset output goes high again. To avoid
gliches in the reset output, the second comparator
"b" has a large hysteresis (1.9V).
CIRCUIT DESCRIPTION
TDA8133
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com