Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8133 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8133
Description  5.1V 8V REGULATOR WITH DISABLE AND RESET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8133 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8133 Datasheet HTML 1Page - STMicroelectronics TDA8133 Datasheet HTML 2Page - STMicroelectronics TDA8133 Datasheet HTML 3Page - STMicroelectronics TDA8133 Datasheet HTML 4Page - STMicroelectronics TDA8133 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4
5
8
3
9
12
6
OUT 1
IN 2
IN 1
OUT 2
DISABLE
DELAY
CAPACITOR
RESET
RESET
REFERENCE
PROTECTION
DISABLE
OUT 1
OUT 2
TDA8133
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VIN
DC Input Voltage Pin 1
20
V
VDIS
Disable Input Voltage
20
V
VRST
Output Voltage at Pin 6
20
V
IO1, 2
Output Currents
Internally Limited
Pt
Power Dissipation
Internally Limited
Tstg
Storage Temperature
-65 to +150
oC
Tj
Junction Temperature
0 to +150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-c)
Maximum Thermal Resistance Junction-case
8
oC/W
Rth (j-a)
Maximum Thermal Resistance Junction-ambient
60
oC/W
Tj
Maximum Recommended Junction Temperature
130
oC
TDA8133
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com