Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8139 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8139
Description  5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8139 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8139 Datasheet HTML 1Page - STMicroelectronics TDA8139 Datasheet HTML 2Page - STMicroelectronics TDA8139 Datasheet HTML 3Page - STMicroelectronics TDA8139 Datasheet HTML 4Page - STMicroelectronics TDA8139 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TDA8139
5.1V AND ADJUSTABLE VOLTAGE REGULATOR
WITH DISABLE AND RESET
September 1993
9
8
7
6
5
4
3
2
1
OUTPUT 1
OUTPUT 2
PROGRAM
RESET
GROUND
DISABLE
DELAY CAPACITOR
INPUT 2
INPUT 1
PIN CONNECTIONS
SIP9
(Plastic Package)
ORDER CODE : TDA8139
.
OUTPUT CURRENTS UP TO 750mA
.
FIXED PRECISION OUTPUT 1 VOLTAGE
5.1V
± 2%
.
OUTPUT
2
VOLTAGE
PROGRAMMABLE
FROM 2.8 TO 16V
.
OUTPUT 1 WITH RESET FACILITY
.
OUTPUT 2 WITH DISABLE BY TTL INPUT
.
SHORT CIRCUIT PROTECTION AT BOTH
OUTPUTS
.
THERMAL PROTECTION
.
LOW DROP OUTPUT VOLTAGE
DESCRIPTION
The TDA8139 is a monolithic dual positive voltage
regulator designed to provide precision output volt-
ages of 5.1V and adjustable at currents up to
750mA.
An internal reset circuit generates a reset pulse
when the output 1 decrease below the regulated
voltage value.
Output 2 can be disabled by TTL input.
Short circuit and thermal protections are included.
1/5


Similar Part No. - TDA8139

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
188Kb / 14P
Double (5.1 V and adjustable) voltage regulator with reset and disable functions
25-Feb-2009
TDA8139D STMICROELECTRONICS-TDA8139D Datasheet
188Kb / 14P
Double (5.1 V and adjustable) voltage regulator with reset and disable functions
25-Feb-2009
TDA8139 STMICROELECTRONICS-TDA8139_V01 Datasheet
188Kb / 14P
Double (5.1 V and adjustable) voltage regulator with reset and disable functions
25-Feb-2009
More results

Similar Description - TDA8139

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
82Kb / 5P
5.1V 8V REGULATOR WITH DISABLE AND RESET
Mar-1994
TDA8137 STMICROELECTRONICS-TDA8137 Datasheet
81Kb / 5P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
Sep-1993
TDA8138 STMICROELECTRONICS-TDA8138 Datasheet
103Kb / 6P
5.1V 12V REGULATOR WITH DISABLE AND RESET
May-1993
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
logo
List of Unclassifed Man...
ILA8138A ETC1-ILA8138A Datasheet
34Kb / 5P
5.1V 12V REGULATOR WITH DISABLE AND RESET
logo
KODENSHI_AUK CORP.
KKA8133A KODENSHI-KKA8133A Datasheet
101Kb / 4P
DUAL 5.1V 8V REGULATOR WITH DISABLE AND RESET
KKA8137 KODENSHI-KKA8137 Datasheet
155Kb / 4P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
KKA8138A KODENSHI-KKA8138A Datasheet
102Kb / 4P
5.1V 12V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
STV8130A STMICROELECTRONICS-STV8130A Datasheet
159Kb / 9P
3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
Rev. 1.7
TDA8139 STMICROELECTRONICS-TDA8139_V01 Datasheet
188Kb / 14P
Double (5.1 V and adjustable) voltage regulator with reset and disable functions
25-Feb-2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com