Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8145 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8145
Description  TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8145 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8145 Datasheet HTML 1Page - STMicroelectronics TDA8145 Datasheet HTML 2Page - STMicroelectronics TDA8145 Datasheet HTML 3Page - STMicroelectronics TDA8145 Datasheet HTML 4Page - STMicroelectronics TDA8145 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TDA8145
TV EAST/WEST CORRECTION CIRCUIT
FOR SQUARE TUBES
October 1998
.
LOW DISSIPATION
.
SQUARE GENERATOR FOR PARABOLIC
CURRENT
SPECIALLY
DESIGNED
FOR
SQUARE C.R.T. CORRECTION
.
EXTERNAL KEYSTONE ADJUSTMENT
(symmetry of the parabola)
.
INPUT FOR DYNAMIC FIELD CORRECTION
(beam current change)
.
STATIC PICTURE WIDTH ADJUSTMENT
.
PULSE-WIDTH MODULATOR
.
FINAL STAGE D-CLASS WITH ENERGY
REDELIVERY
.
PARASITIC PARABOLA SUPPRESSION,
DURING FLYBACK TIME OF THE
VERTICAL SAWTOOTH
DESCRIPTION
The TDA8145 is a monolithic integrated circuit in a
8 pin minidip plastic package designed for use in
the square C.R.T. east-west pin-cushion correction
by driving a diode modulator in TV and monitor
applications.
1
2
3
4
8
7
6
5
KEYSTONE CORRECTION INPUT
FRAME SAWTOOTH CURRENT INPUT
CURRENT REFERENCE
GND
NON-INVERTING INPUT 100
µA CURRENT SINK
PARABOLA OUTPUT INVERTING INPUT
OUTPUT
+V
S
PIN CONNECTIONS (top view)
POWERDIP8 (Th = 0.4mm)
(Plastic Package)
ORDER CODE : TDA8145
1/5


Similar Part No. - TDA8145

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8145 STMICROELECTRONICS-TDA8145 Datasheet
134Kb / 9P
TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
14-May-2004
TDA8145 STMICROELECTRONICS-TDA8145_04 Datasheet
134Kb / 9P
TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
14-May-2004
More results

Similar Description - TDA8145

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1082 PHILIPS-TDA1082 Datasheet
60Kb / 8P
East-West correction driver circuit
March 1986
logo
STMicroelectronics
STV9306 STMICROELECTRONICS-STV9306 Datasheet
89Kb / 12P
BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT
05-Mar-2012
TDA4950 STMICROELECTRONICS-TDA4950 Datasheet
98Kb / 5P
TV EAST/WEST CORRECTION CIRCUIT
Oct-1998
TDA8146 STMICROELECTRONICS-TDA8146 Datasheet
88Kb / 5P
EAST/WEST CORRECTION FOR RECTANGULAR TV-TUBES
May-1993
TEA2031A STMICROELECTRONICS-TEA2031A Datasheet
91Kb / 8P
COLOR TV EAST-WEST CORRECTION
20-Apr-2004
logo
TEMIC Semiconductors
TDA4951 TEMIC-TDA4951 Datasheet
63Kb / 5P
TV East/ West Correction Circuit for Square Tubes
logo
STMicroelectronics
STV9306A STMICROELECTRONICS-STV9306A Datasheet
762Kb / 16P
Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
Sep-2003
TEA2031A STMICROELECTRONICS-TEA2031A_07 Datasheet
95Kb / 11P
COLOR TV EAST-WEST CORRECTION
20-Apr-2004
TDA8145 STMICROELECTRONICS-TDA8145_04 Datasheet
134Kb / 9P
TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
14-May-2004
TDA8147 STMICROELECTRONICS-TDA8147 Datasheet
90Kb / 2P
EAST/WEST CORRECTION FOR DIGITAL TV-SETS
Jun-1989
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com