Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8145 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8145
Description  TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8145 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8145 Datasheet HTML 1Page - STMicroelectronics TDA8145 Datasheet HTML 2Page - STMicroelectronics TDA8145 Datasheet HTML 3Page - STMicroelectronics TDA8145 Datasheet HTML 4Page - STMicroelectronics TDA8145 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Tamb = 25
oC, VS = 26V, Vfr = 0, S1 and S2 in "a" position, refer
to the test circuit unless otherwise specified) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
K1
Parabola Coefficient
(see Figure 2)
K1
=
V7A
− V7B
V7A
− V7C
0.26
K2
Parabola Coefficient
(see Figure 2)
K2
=
V7A
− V7C
V7A
− V7D
0.70
∆V7 (*)
∆V7 = V7E – V7F
– 40
40
mV
I8
Current Source
S1
→ b
100
µA
VSATL
Saturation Voltage
Io = 400 mA Sink
S2
→ b1
2
V
VSATH
Saturation Voltage
Io = 100 mA Source
S2
→ cS1 → b
0.8
1.5
V
VF
Forward Voltage
Io = 400 mA
S2
→ dS1 → b
1.2
1.7
V
Ifr
Frame Sawtooth Current
Vfr = 6.6 Vpp
66
µA
7
R7
R6
10k
Ω
10k
Ω
R2
R8
20k
Ω
a
b
S1
R3
11k
Ω
10k
Ω
R1
S2
a
b
c
d
TDA8145
V
S
V
F
V
SATH
I
O
V
SATL
I
F
-I
O
I
FR
V
REF
V
FR
6
5
8
4
3
1
2
Figure 1 : Test Circuit
-60
0
15
30
36
60
V
7F
V
7A
V
7B
V
7C
V
7D
V
7E
V
7 (V)
I
FR (µA)
Figure 2 : Parabola Characteristics
TDA8145
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com