Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8153 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8153
Description  RGB VIDEO OUTPUT AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8153 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8153 Datasheet HTML 1Page - STMicroelectronics TDA8153 Datasheet HTML 2Page - STMicroelectronics TDA8153 Datasheet HTML 3Page - STMicroelectronics TDA8153 Datasheet HTML 4Page - STMicroelectronics TDA8153 Datasheet HTML 5Page - STMicroelectronics TDA8153 Datasheet HTML 6Page - STMicroelectronics TDA8153 Datasheet HTML 7Page - STMicroelectronics TDA8153 Datasheet HTML 8Page - STMicroelectronics TDA8153 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
3
5
6
8
9
14
11
Q4
Q5
10
Q6
R4
R5
12
Q1
Q2
2
R2
Q31
R3
D4
4
R1
D2
D3
Q10
Q11
Q12
R9
R10
7
Q7
Q8
R7
Q32
R9
D7
R6
D5
D6
1
15
Q13
Q14
R12
Q33
R13
D10
R11
D8
D9
Q16
Q17
Q15
R14
R15
13
D11
I3
I2
I1
I4
1.6V
SCHEMATIC DIAGRAM
PIN FUNCTIONS
N
°
Name
Function
1
GREEN
FEEDBACK
Feedback Output for ’Green’ Amplifier. The optimal value for the resistor connected here to set
gain is 68k
Ω as shown in fig. 1.2. Other feedback connections are pin 2 (red) and pin 14 (blue).
2
RED FEEDBACK
Feedback Output for ’Red’ Amplifier. See pin 1.
3
RED OUTPUT
Output of ’Red’ Video Amplifier. See pin 15.
4VH
High Voltage Supply for Amplifier Stages, Typically 200V (see fig. 1.2).
5
FIRST GRID
VOLTAGE
Output providing DC voltage for first grid of CRT, typically Vs +VBE.
6
RED INPUT
Input of ’Red’ Video Amplifier. See pin 7.
7
GREEN INPUT
Input of ”Green” Video Amplifier. The bias voltage at the inputs is equal to Vref +2VBE. Other
inputs are pin 6 (red) and pin 9 (blue).
8
GROUND
Ground Connection (pin 8 is also connected to the tab).
9
BLUE INPUT
Input of ’Blue’ Video Amplifier. See pin 7.
10
Vref
The reference voltage for the three amplifiers is available on this pin. Typical value is 1.6V. The
capacitor connected between pin 10 and ground eliminates AC crosstalk between the amplifiers.
11
Vs
Supply Voltage Input for Low Voltage Circuitry, typically 12V.
12
SAMPLING
Cathode Current Sampling Output. Provides sum of cathode currents for automatic cut-off
adjustment with video processors using the sequential system. The three current generators I1,
I2 and I3 bias the inputs of this circuit which performs the cut-off adjustment, allowing also
adjustment with in flowing CRT leakages.
13
BLUE OUTPUT
Output of ’Blue’ Video Amplifier. See pin 15.
14 BLUE FEEDBACK Feedback Output for ’Blue’ Amplifier. See pin 1.
15
GREEN OUTPUT
Output of the ’Green’ Video Amplifier. The output is protected against CRT flashovers. Other
outputs are pin 3 (red) and pin 13 (blue).
TDA8153
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com