Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8153 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8153
Description  RGB VIDEO OUTPUT AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8153 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8153 Datasheet HTML 1Page - STMicroelectronics TDA8153 Datasheet HTML 2Page - STMicroelectronics TDA8153 Datasheet HTML 3Page - STMicroelectronics TDA8153 Datasheet HTML 4Page - STMicroelectronics TDA8153 Datasheet HTML 5Page - STMicroelectronics TDA8153 Datasheet HTML 6Page - STMicroelectronics TDA8153 Datasheet HTML 7Page - STMicroelectronics TDA8153 Datasheet HTML 8Page - STMicroelectronics TDA8153 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS (ref. to test and application circuits, VHT = 200V, VS = 12V,
CL = 10pF *, heatsink Rth =9
oC/W, Tamb =25oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Pin
Min.
Typ.
Max.
Unit
Fig.
VHT
High Voltage Supply
4
200
220
V
1-2
VS
Low Voltage Supply
11
10.8
12
13.2
V
1-2
IHT
Quiescent Drain Current
Vin = 0, Vodc = Vsat H
4
10
15
mA
1
IS
Quiescent Drain Current
Vin = 0, Vodc = Vsat H
11
10
17
mA
1
Vref
Reference Voltage
10
1.4
1.6
1.9
V
1
Vg1
CRT G1 Voltage Supply
5
Vs +
Vbe
V1
Vsat
H Output Saturation
Vin = 0, Vdc = – 3V
3
13
15
VHT
–3V
V1
Vsat
L Output Saturation
Vin = 0, Vdc = 9V
3
13
15
Vs
V1
I1,I2,I3
See schematic diagr.
Vin = 0 ; Vodc = 150V
12
7
15
20
µA1
Vodc
Quiescent Output Voltage
Inputs Floating
3
13
15
123
V
1
Vo
Peak-to-peak Output Swing
f = 10KHz
3
13
15
170
Vpp
1
∆Vodc
∆T
DC Output Voltage versus
Temperature
Vodc = 150V
Tamb = 0
÷ 70°C
3
13
15
0.03
V/
°C1
∆Vodc
∆T
DC Differential Voltage
versus Temperature
Vodc = 150V
Tamb = 0
÷ 70°C
3
13
15
0.015
V/
°C1
GVo
Open-loop Gain
Vin = 50mVpp, f = 10kHz
50
56
dB
1
GVc
Closed-loop Gain
Vin = 1.5Vpp, f = 10kHz
20
25
dB
1
Bw
Video Bandwidth (– 3 dB)
Vobl = 125V, 0dB at f = 100kHz
Vo =
80Vpp
50Vpp
10Vpp
4.5
6.5
12
6.0
8.0
15
MHz
2
tr
Rise Time
Vo = 100Vpp ; Vobl = 150V
f = 100kHz, Duty Cycle = 0.5
80
120
ns
2
tf
Fall Time
Vo = 100Vpp ; Vobl = 150V
f = 100kHz, Duty Cycle = 0.5
80
120
ns
2
∆T
Differential Rise and Fall Time
20
ns
2
Overshoot
Vo = 100Vpp , Vobl = 150V
f = 100kHz, Duty Cycle = 0.5
5%
2
Undershoot
Vo = 100Vpp ; Vobl = 150V
f = 100kHz, Duty Cycle = 0.5
5%
2
* CL = 10pF is the sum of the P.C. board capacitance (with socket) and the cathode capacitance of the CRT.
TDA8153
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com