Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8160 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8160
Description  INFRARED REMOTE CONTROL RECEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8160 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8160 Datasheet HTML 1Page - STMicroelectronics TDA8160 Datasheet HTML 2Page - STMicroelectronics TDA8160 Datasheet HTML 3Page - STMicroelectronics TDA8160 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Supply Voltage
16
V
Tstg–j
Storage and Junction Temperature
– 40, +150
°C
Ptot
Total Power Dissipation at Tamb =70
°C
400
mW
CIRCUIT DESCRIPTION (see the block diagram)
The infrared light received from D1 generates an
AC signal that comes in to the device at pin 5. The
capacitor C1 and the integrated 10k
Ω resistor
(pin 4) filter out the low frequency noise.
The first stage shows a voltage gain of about 28dB ;
the second stage is a voltage to current converter
of 50mA/V (R2 = Zero). A sensitive peak detector
detects the amplifier signal ; one open collector
output (pin 1) gives out the recovered pulses.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Thermal Resistance Junction-ambient
Max
200
°C/W
ELECTRICAL CHARACTERISTICS
(Refer to the test circuit ; VS =5V, fO = 10kHz, Tamb =25
oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Supply Voltage
Applied between Pins 3 and 6
4
5
5.25
V
IS
Supply Current (Pin 3)
6
mA
V3
Stabilized Voltage at Pin 3
I3 = 8mA
5.5
V
GV 1st
Voltage Gain (1st stage)
28
dB
gm 2nd
Transconductance (2nd stage)
15
mA/V
VIN
Input Voltage Sensitivity (Pin 5)
For Full Swing at the Output Pin 1
Rgen = 600
Ω
2mVP
IIN
Input Current Sensitivity (Pin 5)
For Full Swing at the Output Pin 1
10
nAP
RIN
Input Impedance
200
k
Ω
LfR
Low Frequency Rejection at the Input
Stage
C1 = 100pF , f = 100HZ
30
dB
N
Noise Signal at Pin 7
C4 Missing
200
mVPP
TEST CIRCUIT
TDA8160
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com