Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8160 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8160
Description  INFRARED REMOTE CONTROL RECEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8160 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8160 Datasheet HTML 1Page - STMicroelectronics TDA8160 Datasheet HTML 2Page - STMicroelectronics TDA8160 Datasheet HTML 3Page - STMicroelectronics TDA8160 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TDA8160
INFRARED REMOTE CONTROL RECEIVER
August 1992
.
LOW SUPPLY VOLTAGE (VS = 5V)
.
LOW CURRENT CONSUMPTION (IS = 6mA)
.
INTERNAL 5.5 V SHUNT REGULATOR
.
PHOTODIODE DIRECTLY COUPLED WITH
THE I.C.
.
INPUT STAGE WITH GOOD REJECTION AT
LOW FREQUENCY
.
LARGE INPUT DYNAMIC RANGE
.
FEW EXTERNAL COMPONENTS
DIP8
(Plastic Package)
ORDER CODE : TDA 8160
1
2
3
4
8
7
6
5
OUTPUT
OPEN
SUPPLY
VOLTAGE
D1 DC BIAS
PEAK
DETECTOR
DECOUPLING
GROUND
INPUT
PIN CONNECTIONS
DESCRIPTION
The TDA8160 is a monolithic integrated circuit
in-lead minidip plastic package specially designed
to amplify the infrared signals in remote controlled
TV, Radio or VCR sets. It can be used in flash
transmission mode in conjunction with dedicated
remote control circuits (for example : M491-494).
BLOCK DIAGRAM
1/4


Similar Part No. - TDA8160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8102B STMICROELECTRONICS-TDA8102B Datasheet
227Kb / 7P
H/V PROCESSOR FOR TTK V.D.U
Dec-1992
TDA8120B STMICROELECTRONICS-TDA8120B Datasheet
200Kb / 6P
MULTISTANDARD VIDEO AND SOUND IF SYSTEM
Oct-1993
TDA8132 STMICROELECTRONICS-TDA8132 Datasheet
43Kb / 4P
5.1V 12V DISABLE VOLTAGE REGULATOR
Jan-1996
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
82Kb / 5P
5.1V 8V REGULATOR WITH DISABLE AND RESET
Mar-1994
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
More results

Similar Description - TDA8160

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2249A PTC-PT2249A Datasheet
48Kb / 6P
Infrared Remote Control Receiver
logo
New Japan Radio
NJL24H400A NJRC-NJL24H400A Datasheet
150Kb / 7P
INFRARED REMOTE CONTROL RECEIVER
NJL61V360A NJRC-NJL61V360A Datasheet
223Kb / 6P
INFRARED REMOTE CONTROL RECEIVER
logo
Silan Microelectronics ...
SC9150A SILAN-SC9150A Datasheet
155Kb / 13P
INFRARED REMOTE CONTROL RECEIVER
logo
New Japan Radio
NJL31H360A NJRC-NJL31H360A Datasheet
143Kb / 7P
INFRARED REMOTE CONTROL RECEIVER
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
INFRARED REMOTE CONTROL RECEIVER
logo
Everlight Electronics C...
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
Infrared Remote-control Receiver Module
07-20-2005
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com