Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDFZ060197 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TDFZ060197
Description  Pot Capacitors for Coupling Purposes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDFZ060197 Datasheet(HTML) 1 Page - Vishay Siliconix

  TDFZ060197 Datasheet HTML 1Page - Vishay Siliconix TDFZ060197 Datasheet HTML 2Page - Vishay Siliconix TDFZ060197 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pot Capacitors for Coupling Purposes
www.vishay.com
For technical questions contact: powcap@vishay.com
Document Number: 22126
1
Revision: 21-Jan-02
TDZ 050..., TDFZ 060..., TDFZ 070...
Vishay Draloric
TDZ 050170 15 KVP
TDFZ 060197 20 KVP
TDFZ 070265 20 KVP
TDFZ 060215 15 KVP
• Dimensions in millimeters (inches)
ø 50
(1.969 DIA)
M6
Thread
M10
Thread
ø 35
(1.378 DIA)
M10
Thread
ø 110
(4.331 DIA)
ø 60
(2.362 DIA)
M10 Thread
ø 110
(4.331 DIA)
ø 70
(2.756 DIA)
ø 35
(1.378 DIA)
M10
Thread
M10 Thread
MATERIAL:
Capacitor elements made from Class 1 ceramic dielectric
with noble metal electrodes.
Connection terminals: Copper brass/silver plated.
FINISH:
Noble metal electrodes completely lacquered. Insulating
rim protected with resin encapsulation (TDZ model) or
silicone rubber (TDFZ model).
MARKING:
Type designator, Capacitance value and tolerance, Rated
voltage (peak value), Production date code, Ceramic
material code, DRALORIC Logo.
ACCESSORIES ADDED:
Hex. nuts/screws and washers.
ORDERING INFORMATION
TDFZ 060197
20 KVp
10 000 pF
± 20 %
N 3300
MODEL
RATED VOLTAGE
CAPACITANCE VALUE
TOLERANCE
CERAMIC


Similar Part No. - TDFZ060197

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDFZ125213 VISHAY-TDFZ125213 Datasheet
202Kb / 3P
Pot Capacitors with R 16 High Q Ceramic
14-Aug-02
TDFZ125213 VISHAY-TDFZ125213 Datasheet
86Kb / 4P
RF Power Pot Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
07-Sep-15
TDFZ125236 VISHAY-TDFZ125236 Datasheet
202Kb / 3P
Pot Capacitors with R 16 High Q Ceramic
14-Aug-02
TDFZ125236 VISHAY-TDFZ125236 Datasheet
86Kb / 4P
RF Power Pot Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
07-Sep-15
TDFZ125260 VISHAY-TDFZ125260 Datasheet
202Kb / 3P
Pot Capacitors with R 16 High Q Ceramic
14-Aug-02
More results

Similar Description - TDFZ060197

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U891BS ETC-U891BS Datasheet
37Kb / 2P
Prescaler for TV and VTR purposes
UVX1A331MPA ETC1-UVX1A331MPA Datasheet
321Kb / 2P
Standard series for general purposes
logo
Vishay Siliconix
TDFZ170229 VISHAY-TDFZ170229 Datasheet
223Kb / 3P
Pot Capacitors for Coupling Purposes
24-Jan-02
T.020030 VISHAY-T.020030 Datasheet
118Kb / 3P
Pot Capacitors, Tag Mounting
17-Nov-01
T.030090 VISHAY-T.030090 Datasheet
146Kb / 3P
Pot Capacitors, Tag Mounting
21-Feb-02
T.085120 VISHAY-T.085120 Datasheet
140Kb / 3P
Pot Capacitors, Tag & Flange Mounting
22-Nov-01
TDFZ170229 VISHAY-TDFZ170229_15 Datasheet
82Kb / 4P
RF Power Pot Capacitors
07-Sep-15
TDZ050170 VISHAY-TDZ050170_15 Datasheet
85Kb / 4P
RF Power Pot Capacitors for Coupling Purposes, Class 1 Ceramic Dielectric
14-Sep-15
logo
Nichicon corporation
USA1A330MDD NICHICON-USA1A330MDD Datasheet
578Kb / 1P
7mmL, For General Purposes
logo
List of Unclassifed Man...
MBS3000 ETC-MBS3000 Datasheet
627Kb / 6P
Pressure transmitter for general industrial purposes
2017.09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com