Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CS22
Description  Single Value Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS22 Datasheet(HTML) 2 Page - Vishay Siliconix

  CS22 Datasheet HTML 1Page - Vishay Siliconix CS22 Datasheet HTML 2Page - Vishay Siliconix CS22 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS 22
Single Value Chip Resistor
Vishay Sfernice
Document Number: 60063
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Oct-08
23
DIMENSIONS
B
A
D
C
E
DIMENSION
INCHES
MILLIMETERS
A
0.021 ± 0.002
0.55 ± 0.10
B
0.021 ± 0.002
0.55 ± 0.10
C
0.004
0.10
D
0.004
0.10
E
0.015
0.40 maximum
MECHANICAL SPECIFICATIONS
Resistive element
Chromium Silicon
Passivation
Silicon Nitride
Substrate material
Silicon (consult Vishay for Al2O3)
Bonding pads
Aluminum
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CS22-100KD0016 (preferred part number format)
GLOBAL MODEL
VALUE
TOLERANCE
OPTION
Decimal
R, K or M
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
leave blank
if no option
Historical Part Number example: CS22 150K 0.5 % R0016 (will continue to be accepted)
CS22
150K
0.5 %
R0016
HISTORICAL MODEL
VALUE
TOLERANCE
OPTION
-1
0
0
K
D
0
6
2
C
2
S
01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com