Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CS22
Description  Single Value Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS22 Datasheet(HTML) 1 Page - Vishay Siliconix

  CS22 Datasheet HTML 1Page - Vishay Siliconix CS22 Datasheet HTML 2Page - Vishay Siliconix CS22 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Single Value Chip Resistor
CS 22
Vishay Sfernice
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 60063
22
Revision: 06-Oct-08
Chromium silicon thin film is very well suited to produce high
density and high ohmic value resistor chips. These high
ohmic value chip resistors are available with improved
performances and size when compared to thick film
counterparts.
FEATURES
• Small size 20 mil x 20 mil
• Very high ohmic value up to 10 MΩ
• Good stability 0.1 % (2000 h, rated power at
+ 70 °C)
• Wirebondable
TYPICAL PERFORMANCE
SCHEMATIC AND PATTERN
* Please see document “Vishay Green and Halogen-Free Definitions (5-2008)” http://www.vishay.com/doc?99902
Actual Size
ABS
TCR
100 ppm/°C
TOL.
0.5 %
R
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
MATERIAL
PASSIVATED CHROMIUM SILICON
Resistance range
10 k
Ω to 10 MΩ
Absolute TCR
± 100 ppm/°C (± 50 ppm/°C on request)
- 55 °C to + 155 °C
Absolute tolerance
± 0.5 %, ± 1 %, ± 2 %
Power dissipation
100 mW at + 25 °C, 50 mW at + 70 °C, 25 mW at + 125 °C
Stability
± 0.1 % typical, ± 0.2 maximum
2000 h at + 70 °C at Pn
Working voltage
100 VDC
Higher on Al2O3
Operating temperature range
- 55 °C to + 155 °C
Storage temperature range
- 55 °C to + 155 °C
Noise
< - 20 dB typical
MIL-STD-202 Method 308
Thermal EMF
< 0.01 µV/°C
Shelf life stability
200 ppm
1 year at + 25 °C


Similar Part No. - CS22

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS22 IXYS-CS22 Datasheet
52Kb / 2P
Phase Control Thyristors Electrically Isolated Tab
logo
Transko Electronics, In...
CS22 TRANSKO-CS22 Datasheet
172Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.5 x 2.0 x 0.55mm)
Rev. 6: 10-10-19
logo
IXYS Corporation
CS22-08IO1M IXYS-CS22-08IO1M Datasheet
52Kb / 2P
Phase Control Thyristors Electrically Isolated Tab
CS22-08IO1M IXYS-CS22-08IO1M Datasheet
196Kb / 5P
High Efficiency Thyristor
CS22-12IO1M IXYS-CS22-12IO1M Datasheet
52Kb / 2P
Phase Control Thyristors Electrically Isolated Tab
More results

Similar Description - CS22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TA22 VISHAY-TA22 Datasheet
82Kb / 3P
Single Value Chip Resistor
27-Mar-14
logo
Welwyn Components Limit...
LRC WELWYN-LRC Datasheet
105Kb / 2P
Low Value Flat Chip Resistor
logo
Vishay Siliconix
TA22 VISHAY-TA22_08 Datasheet
89Kb / 3P
Single Value Chip Resistor
06-Oct-08
RSK22N VISHAY-RSK22N Datasheet
85Kb / 3P
Single Value Chip Resistor
06-Oct-08
logo
Panasonic Semiconductor
ERJM1W PANASONIC-ERJM1W Datasheet
148Kb / 11P
Low Resistance Value Chip Resistor
logo
Bi technologies
LR2010-R10FW BITECH-LR2010-R10FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
logo
List of Unclassifed Man...
HTC210M ETC-HTC210M Datasheet
125Kb / 1P
Low Value Flat Chip Resistor
LRF2512-R025FW ETC-LRF2512-R025FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LQW2BHN6N8D03L ETC2-LQW2BHN6N8D03L Datasheet
469Kb / 2P
Low Value Flat Chip Resistor
logo
Vishay Siliconix
RSK22N VISHAY-RSK22N_15 Datasheet
73Kb / 3P
Precision Wirebondable Single Value Thin Film Chip Resistor
11-Nov-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com