Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8173 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8173
Description  TV VERTICAL DEFLECTION OUTPUT CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8173 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8173 Datasheet HTML 1Page - STMicroelectronics TDA8173 Datasheet HTML 2Page - STMicroelectronics TDA8173 Datasheet HTML 3Page - STMicroelectronics TDA8173 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage (pin 2)
35
V
V5
Flyback Peak Voltage
60
V
V4
Voltage at Pin 4
+ Vs
V1, V8
Amplifier Input Voltage
+ Vs
– 0.5
V
Io
Output Peak Current (non repetitive, t = 2 ms)
2.5
A
Io
Output Peak Current at f = 50 or 60 Hz, t
≤ 10 µs3
A
Io
Output Peak Current at f = 50 or 60 Hz, t > 10
µs2
A
I4
Pin 4 DC Current at V5 < V2
100
mA
I4
Pin 4 Peak to Peak Flyback Current at f = 50 or 60 Hz, tfly
≤ 1.5 ms
3
A
Ptot
Total Power Dissipation at Tcase = 60
°C6
W
Tstg, Tj
Storage and Junction Temperature
– 40 to 150
°C
Reference
Voltage
Flyback
Generator
Thermal
Protection
Power
Amplifier
2
1
YOKE
+V
S
8
74
5
9
101112
13 14 1516
TDA8173
BLOCK DIAGRAM
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j–c)
Thermal Resistance Junction-case
Max.
15
°C/W
Rth (j–a)
Thermal Resistance Junction-ambient
Max.
70
°C/W
TDA8173
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com