Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8173 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8173
Description  TV VERTICAL DEFLECTION OUTPUT CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8173 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8173 Datasheet HTML 1Page - STMicroelectronics TDA8173 Datasheet HTML 2Page - STMicroelectronics TDA8173 Datasheet HTML 3Page - STMicroelectronics TDA8173 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
(refer to the test circuits, VS = 35V, Tamb = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I2
Pin 2 Quiescent Current
I = 0, I5 = 0
8
16
mA
I7
Pin 7 Quiescent Current
I = 0, I5 = 0
16
36
mA
I1
Amplifier Input Bias Current
V1 = 1 V
– 0.1
– 1
µA
V4L
Pin 4 Saturation Voltage to GND
I4 = 20 mA
1
V
V5
Quiescent Output Voltage
Vs = 35 V, Ra = 39 k
Ω
18
V
V5L
Output Saturation Voltage to GND
I5 = 1.2 A
1
1.4
V
I5 = 0.7 A
0.7
1
V
V5H
Output Saturation Voltage to Supply
– I5 = 1.2 A
1.6
2.2
V
– I5 = 0.7 A
1.3
1.8
V
Tj
Junction Temperature for Thermal Shut Down
140
°C
V8
Reference Voltage
2.2
V
∆V8
∆VS
Reference Voltage Drift versus Supply Voltage
Vs = 15 to 30 V
1
2
mV
TDA8173
5
1
1N4001
C1
C2
D1
C3
220
µF
470
µF
0.1
µF
7
4
2
R1
RT1
10k
Ω
4.7k
Ω
V
S
C4
0.22
µF
R7
1.5
Ω
C6
4.7
µF
R3
R4
R2
5.6k
Ω
12k
Ω
8.2k
Ω
C5
R5
R6
Ly
Iy
24.6mH
Ry
8.2
Ω
2200
µF
330
Ω
9.6
Ω
R5 Iy
to
V
i
to
GND
IN
to
t
fly
7
V
9 to 16
TEST CIRCUITS
TDA8173
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com