Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8175 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8175
Description  TV VERTICAL DEFLECTION OUTPUT CIRCUIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8175 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8175 Datasheet HTML 1Page - STMicroelectronics TDA8175 Datasheet HTML 2Page - STMicroelectronics TDA8175 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TDA8175
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
September 1993
7
6
5
4
3
2
1
Tab connecte dto Pin 4
OUTPUT STAGE SUPPLY
OUTPUT
GROUND
FLYBACK GENERATOR
SUPPLY VOLTAGE
INVERTING INPUT
INPUT
PIN CONNECTIONS
HEPTAWATT
(Plastic Package)
ORDER CODE : TDA8175
.
POWER AMPLIFIER
.
FLYBACK GENERATOR
.
AUTOMATIC PUMPING COMPENSATION
.
THERMAL PROTECTION
.
REFERENCE VOLTAGE
DESCRIPTION
The TDA8175 is a monolithic integrated circuit in
HEPTAWATT package. It is a high efficiency power
booster for direct driving of vertical windings of TV
yokes. It is intended for use in Color and B & W
television sets as well as in monitors and displays.
Flyback
Generator
Thermal
Protection
3
6
2
1
7
5
4
YOKE
+V
S
Variable Gain
Amplifier
Variable Gain
Amplifier
Power
Amplifier
1N4001
35V 220µF
0.1
µF
1000
µF
35V
1.5
Ω
0.1
µF
200
Ω
15k
Ω
1000
µF
16V
2
Ω
8.2k
Ω
BLOCK DIAGRAM
1/3


Similar Part No. - TDA8175

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8170 STMICROELECTRONICS-TDA8170 Datasheet
108Kb / 7P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
Dec-1997
TDA8171 STMICROELECTRONICS-TDA8171 Datasheet
72Kb / 4P
VERTICAL DEFLECTION BOOSTER
Dec-1998
TDA8172 STMICROELECTRONICS-TDA8172 Datasheet
60Kb / 5P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
May-1996
TDA8173 STMICROELECTRONICS-TDA8173 Datasheet
69Kb / 4P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
May-1993
TDA8174 STMICROELECTRONICS-TDA8174 Datasheet
61Kb / 5P
VERTICAL DEFLECTION CIRCUIT
Apr-1996
More results

Similar Description - TDA8175

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1782 NTE-NTE1782 Datasheet
22Kb / 2P
Integrated Circuit TV Vertical Deflection Output Circuit
logo
Panasonic Semiconductor
AN5520 PANASONIC-AN5520 Datasheet
170Kb / 3P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
STMicroelectronics
TDA2170 STMICROELECTRONICS-TDA2170 Datasheet
182Kb / 7P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
Dec-1992
TDA2270 STMICROELECTRONICS-TDA2270 Datasheet
134Kb / 7P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
Sep-1992
TDA8170 STMICROELECTRONICS-TDA8170 Datasheet
108Kb / 7P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
Dec-1997
TDA8172 STMICROELECTRONICS-TDA8172 Datasheet
60Kb / 5P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
May-1996
TDA8173 STMICROELECTRONICS-TDA8173 Datasheet
69Kb / 4P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
May-1993
logo
Sanyo Semicon Device
LA7832 SANYO-LA7832 Datasheet
63Kb / 3P
Color TV Vertical Deflection Output Circuit
logo
Panasonic Semiconductor
AN5515 PANASONIC-AN5515 Datasheet
78Kb / 3P
TV Vertical Deflection Output Circuit
logo
List of Unclassifed Man...
AN5512 ETC-AN5512 Datasheet
147Kb / 3P
TV Vertical Deflection Output Circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com