Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8175 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8175
Description  TV VERTICAL DEFLECTION OUTPUT CIRCUIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8175 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8175 Datasheet HTML 1Page - STMicroelectronics TDA8175 Datasheet HTML 2Page - STMicroelectronics TDA8175 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
THERMAL PROTECTION
The thermal protection circuit intervenes when the
die temperatures reaches 150
oC and turns-off the
output power device.
PUMPING COMPENSATION
The device incorporates a special preampliflier, the
gain of which varies with changes in supply voltage.
This function allows perfect compensationof height
variations caused by changes in brightness.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage (PIn 2)
35
V
V5,V6
Flyback Peak Voltage
60
V
V3
Voltage at PIn 3
+VS
V1,V7
Amplifier Input Voltage
+VS
IO
Output Peak Current (non-repetitive, t = 2ms)
2.5
A
IO
Output Peak Current at :
f = 50 or 60Hz, t
≤ 10µs
f = 50 or 60Hz, t > 10
µs
3
2
A
A
I3
Pin 3 DC Current at V5 < V2
100
mA
I3
Pin 3 Peak-to-peak Flyback Current at f = 50 or 60Hz, tfly
≤ 1.5ms
3
A
Ptot
Total Power Dissipation at Tcase =70
oC20
W
Tj,Tstg
Storage and Junction Temperature
-40, +150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction-case Thermal Resistance
Max.
3
oC/W
ELECTRICAL CHARACTERISTICS (VS = 35V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I2
Pin 2 Quiescent Current
18
36
mA
I6
Pin 6 Quiescent Current
16
36
mA
I1
Amplifier Input Bias Current
V1 = 1V
-0.1
-1
µA
V3
Pin 3 Saturation to GND
I3 = 20mA
1
1.5
V
V5
Quiescent Output Voltage
VS = 35V, Ra = 39k
Ω
19
V
V5
Output Saturation Voltage to GND
I5 = 1.2A
I5 = 0.7A
1
0.7
1.4
1
V
V
V5
Output Saturation Voltage to Supply
-I5 = 1.2A
-I5 = 0.7A
1.6
1.3
2.2
1.8
V
V
VO
Ramp Amplitude versus Voltage Supply
22V < VS < 30V
4
%/V
G
AC Gain
VS = 26V
0.54
0.61
0.67
V
VO
DC Output Voltage Accuracy
8
%
V7
Internal Bias
2.7
V
R7
Input Resistance
50
k
Ω
Tj
Junction Temperature for Thermal Shutdown
140
oC
TDA8175
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com