Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS33 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS33
Description  Small Signal Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS33 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS33 Datasheet HTML 1Page - Vishay Siliconix BAS33 Datasheet HTML 2Page - Vishay Siliconix BAS33 Datasheet HTML 3Page - Vishay Siliconix BAS33 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS33/BAS34
Document Number 85541
Rev. 1.6, 16-Feb-07
Vishay Semiconductors
www.vishay.com
1
94 9367
Small Signal Switching Diodes
Features
• Silicon Planar Diodes
• Very low reverse current
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
• Protection circuits, time delay circuits, peak fol-
lower circuits, logarithmic amplifiers
Mechanical Data
Case: DO35 Glass case
Weight: approx. 125 mg
Cathode Band Color: black
Packaging Codes/Options:
TR/10 k per 13" reel (52 mm tape), 50 k/box
TAP/10 k per Ammopack (52 mm tape), 50 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Type Marking
Remarks
BAS33
VRRM = 40 V
BAS33-TAP or BAS33-TR
BAS33
Ammopack/Tape and Reel
BAS34
VRRM = 70 V
BAS34-TAP or BAS34-TR
BAS34
Ammopack/Tape and Reel
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage
BAS33
VR
30
V
BAS34
VR
60
V
Peak forward surge current
tp = 1 µs
IFSM
2A
Forward continuous current
IF
200
mA
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
l = 4 mm, TL = constant
RthJA
350
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
e2


Similar Part No. - BAS33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS33 VISHAY-BAS33 Datasheet
35Kb / 3P
Silicon Planar Diodes
01-Apr-99
BAS33 VISHAY-BAS33 Datasheet
102Kb / 3P
Small Signal Switching Diodes
17-Aug-10
logo
SUNMATE electronic Co.,...
BAS33 SUNMATE-BAS33 Datasheet
188Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
BAS33 SUNMATE-BAS33 Datasheet
329Kb / 2P
SMALL SIGNAL SWITCHING DIODES
logo
Vishay Siliconix
BAS33 VISHAY-BAS33 Datasheet
78Kb / 3P
Small Signal Switching Diodes
26-Nov-2021
More results

Similar Description - BAS33

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
Small Signal Switching Diodes
CDST-7000-G COMCHIP-CDST-7000-G_12 Datasheet
67Kb / 2P
Small Signal Switching Diodes
CDSV3-16-G COMCHIP-CDSV3-16-G_12 Datasheet
110Kb / 4P
Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
Small Signal Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com