Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51996AP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M51996AP
Description  Switching Regulator Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51996AP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M51996AP Datasheet HTML 9Page - Renesas Technology Corp M51996AP Datasheet HTML 10Page - Renesas Technology Corp M51996AP Datasheet HTML 11Page - Renesas Technology Corp M51996AP Datasheet HTML 12Page - Renesas Technology Corp M51996AP Datasheet HTML 13Page - Renesas Technology Corp M51996AP Datasheet HTML 14Page - Renesas Technology Corp M51996AP Datasheet HTML 15Page - Renesas Technology Corp M51996AP Datasheet HTML 16Page - Renesas Technology Corp M51996AP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
M51996AP/AFP
REJ03D0836-0201 Rev.2.01 Nov 14, 2007
Page 13 of 35
Function Description
Type M51996AP and M51996AFP are especially designed for off-line primary PWM control IC of switching mode
power supply to get DC voltage from AC power supply.
Using this IC, smart SMPS can be realized with reasonable cost and compact size as the number of external electric
parts can be reduced and also parts can be replaced by reasonable one.
In the following circuit diagram, MOS FET is used for output transistor, however bipolar transistor can be replaced with
no problem.
Start-up Circuit Section
The start-up current is such low current level as typical 100
µA, as shown in figure 1, when the V
CC voltage is increased
from low level to start-up voltage VCC(START).
In this voltage range, only a few parts in this IC, which has the function to make the output voltage low level, is alive
and ICC current is used to keep output low level. The large voltage difference between VCC(START) and VCC(STOP) makes
start-up easy, because it takes rather long duration from VCC(START) to VCC(STOP).
Supply Voltage VCC (V)
ICCO
≈ 11 mA
ICCL
≈ 100 µA
VCC
(STOP)
≈ 9.9 V
VCC
(START)
≈ 16.2 V
Figure 1 Circuit Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com