Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51996AP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M51996AP
Description  Switching Regulator Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51996AP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M51996AP Datasheet HTML 17Page - Renesas Technology Corp M51996AP Datasheet HTML 18Page - Renesas Technology Corp M51996AP Datasheet HTML 19Page - Renesas Technology Corp M51996AP Datasheet HTML 20Page - Renesas Technology Corp M51996AP Datasheet HTML 21Page - Renesas Technology Corp M51996AP Datasheet HTML 22Page - Renesas Technology Corp M51996AP Datasheet HTML 23Page - Renesas Technology Corp M51996AP Datasheet HTML 24Page - Renesas Technology Corp M51996AP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
M51996AP/AFP
REJ03D0836-0201 Rev.2.01 Nov 14, 2007
Page 21 of 35
Supply Voltage VCC (V)
8
7
6
5
4
2
0
3
1
0
5
10
15
25
35
20
30
40
OVP reset point
8.87 V (
−30 °C)
8.94 V (25
°C)
9.23 V (85
°C)
Ta = 25
°C
Ta = 85
°C
Ta =
−30 °C
Figure 14 Circuit Current vs. Supply Voltage (OVP Operation)
Output Section
It is required that the output circuit have the high sink and source abilities for MOS FET drive. It is well known that the
“totempole circuit has high sink and source ability. However, it has the demerit of high through current.
For example, the through current may reach such the high current level of 1 A, if type M51996A has the “conventional”
totempole circuit. For the high frequency application such as higher than 100 kHz, this through current is very
important factor and will cause not only the large ICC current and the inevitable heat-up of IC but also the noise voltage.
This IC uses the improved totempole circuit, so without deteriorating the characteristic of operating speed, its through
current is approximately 100 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com