Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52742ASP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M52742ASP
Description  BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52742ASP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M52742ASP Datasheet HTML 17Page - Renesas Technology Corp M52742ASP Datasheet HTML 18Page - Renesas Technology Corp M52742ASP Datasheet HTML 19Page - Renesas Technology Corp M52742ASP Datasheet HTML 20Page - Renesas Technology Corp M52742ASP Datasheet HTML 21Page - Renesas Technology Corp M52742ASP Datasheet HTML 22Page - Renesas Technology Corp M52742ASP Datasheet HTML 23Page - Renesas Technology Corp M52742ASP Datasheet HTML 24Page - Renesas Technology Corp M52742ASP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
M52742ASP
REJ03F0192-0201 Rev.2.01 Mar 31, 2008
Page 21 of 26
Application Example
+
+
123456789
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
M52742ASP
+
+
+
+
+
+
110 V
100
470
470
0 to 5 V
470
100
µH
DAC OUT
× 4
CRT
Cut off Adj
0.01
µ
0.01
µ
0.01
µ
0.01
µ
0.01
µ
0.01
µ
3.3
µ
3.3
µ
3.3
µ
1
µ
0.01
µ
0.01
µ
0.01
µ
47
µ
47
µ
47
µ
2.2
µ
33
µ
1 k
75
75
75
47
µ
100 k
0.01
µ 0.01 µ 0.01 µ
5 VTTL
5 VTTL
12 V
5 V
INPUT
(R)
INPUT
(B)
* Circuit example of pin 6 and pin 7 same signal input
note: Feed back is internal feed back
OSD IN (B)
OSD IN (G)
OSD IN (R)
BLK IN
(for OSD)
Uniformity IN
ABL IN
0 to 5 V
Sync
Sep
OUT
INPUT
(G)
SONG
INPUT
5 VTTL
5 VTTL
5 VTTL
BLK IN
(for retrace)
SDA
SCL
Clamp pulse
IN
*
Units Resistance:
Ω
Capacitance: F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com