Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8190 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8190
Description  TV SOUND CHANNEL WITH DC CONTROLS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8190 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8190 Datasheet HTML 1Page - STMicroelectronics TDA8190 Datasheet HTML 2Page - STMicroelectronics TDA8190 Datasheet HTML 3Page - STMicroelectronics TDA8190 Datasheet HTML 4Page - STMicroelectronics TDA8190 Datasheet HTML 5Page - STMicroelectronics TDA8190 Datasheet HTML 6Page - STMicroelectronics TDA8190 Datasheet HTML 7Page - STMicroelectronics TDA8190 Datasheet HTML 8Page - STMicroelectronics TDA8190 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FM
D ETEC TOR
LOW-PASS
FILTER
THRESHOLD
SENSOR
D C TONE
CONTROL
THERMAL
PROTECTION
DC VOLUME
CONTROL
VOLTAGE
R EGULATOR
TURN-ON AND
TURN-OFF
SWITCH
1
4
78
9
10
11
13
14
18
19
20
AMPLI.
AFPA
C5
C7
R3
C6
V
S
2
3
IF
AMP.
LIM.
R0 1.1k
Ω
R1
C1
C2
C3
IF IN
5
615
16
L1
C9
C8
C11
C10
C13
VCR OUT
VCR IN
C12
17
C17
C15
C16
R5
R4
R8
R7
R9
P1
P2
VOLUME
TONE
12
R6
R L
C14
S1
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Supply Voltage (pin 18)
28
V
VI
Voltage at Pin 1
± Vs
Vi
Input Voltage (pin 2)
1
Vpp
Io
Output Peak Current (repetitive)
1.5
A
Io
Output Peak Current (non repetitive)
2
A
I4
Current (pin 4)
10
mA
Ptot
Power Dissipation : at Tpins =90
°C
at Tamb =70
°C
4.3
1
W
W
Tstg -Tj
Storage and Junction Temperature
– 40 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j–pins
Thermal Resistance Junction-pins
Max.
14
°C/W
Rth j–amb
Thermal Resistance Junction-ambient
Max.
80
°C/W*
(*) Obtained with GND pins soldered to printed circuit with minimized copper area.
TDA8190
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com