Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8190 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8190
Description  TV SOUND CHANNEL WITH DC CONTROLS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8190 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8190 Datasheet HTML 1Page - STMicroelectronics TDA8190 Datasheet HTML 2Page - STMicroelectronics TDA8190 Datasheet HTML 3Page - STMicroelectronics TDA8190 Datasheet HTML 4Page - STMicroelectronics TDA8190 Datasheet HTML 5Page - STMicroelectronics TDA8190 Datasheet HTML 6Page - STMicroelectronics TDA8190 Datasheet HTML 7Page - STMicroelectronics TDA8190 Datasheet HTML 8Page - STMicroelectronics TDA8190 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TDA8190
TV SOUND CHANNEL WITH DC CONTROLS
September 1993
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TURN-OFF MUTING
SOUND IF INPUT
IF DECOUPLING
GND
DETECTOR (FM)
DEEMPHASIS AND VCR OUT
VCR INPUT
DETECTOR (FM)
GND
IF DECOUPLING
AF PA INPUT
AF PA FEEDBACK
SUPPLY VOLTAGE
AF PA OUTPUT
GND
DCVC OUTPUT
VOLUME CONTROL POT
TONE CONTROL POT
TONE CONTROL CAPACITOR
GND
PIN CONNECTIONS
DIP20
(Plastic Package)
ORDER CODE : TDA8190
.
SEPARATE VCR INPUT AND OUTPUT PINS
.
4W OUTPUT POWER INTO 16
Ω
.
NO SCREENING REQUIRED
.
HIGH SENSITIVITY
.
EXCELLENT AM REJECTION
.
LOW DISTORTION
.
DC TONE/VOLUME CONTROLS
.
THERMAL PROTECTION
DESCRIPTION
The TDA8190 is a complete TV sound channel with
DC tone and volume controls plus separate VCR
input and output connections. Mounted in a Pow-
erdip 16 + 2 + 2 package, the device delivers an
output power of 4W into 16
Ω (d = 10%, Vs = 24V)
or 1.5W into 8
Ω (d = 10%, Vs = 12V). Included in
the TDA8190 are : IF amplifier limiter, active low-
pass filter, AF pre-amplifier and power amplifier,
turn-off muting, mute circuit and thermal protection.
High output, high sensitivity, excellent AM rejection
and low distortion make the device suitable for use
in TVs of almost every type. Further, no screening
is necessarybecause the device is free of radiation
problems.
1/11


Similar Part No. - TDA8190

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8191 STMICROELECTRONICS-TDA8191 Datasheet
133Kb / 6P
TV SOUND CHANNEL
Sep-1993
TDA8192 STMICROELECTRONICS-TDA8192 Datasheet
44Kb / 5P
MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
Oct-1993
TDA8196 STMICROELECTRONICS-TDA8196 Datasheet
61Kb / 5P
AUDIO SWITCH AND DC VOLUME CONTROLFOR TV
May-1996
TDA8198 STMICROELECTRONICS-TDA8198 Datasheet
54Kb / 5P
DOUBLE AUDIO SWITCH AND DC VOLUME CONTROL FOR TV
May-1996
TDA8199 STMICROELECTRONICS-TDA8199 Datasheet
45Kb / 4P
STEREO AMPLIFIER AND DC VOLUME CONTROL FOR TV
May-1996
More results

Similar Description - TDA8190

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1633 NTE-NTE1633 Datasheet
29Kb / 4P
Integrated Circuit TV Sound Channel w/DC Controls
NTE742 NTE-NTE742 Datasheet
25Kb / 3P
Integrated Circuit TV Sound Channel, 2W
NTE807 NTE-NTE807 Datasheet
20Kb / 3P
Integrated Circuit TV Sound Channel, 1W
logo
STMicroelectronics
TDA3190 STMICROELECTRONICS-TDA3190 Datasheet
188Kb / 9P
COMPLETE TV SOUND CHANNEL
Dec-1992
TDA8191 STMICROELECTRONICS-TDA8191 Datasheet
133Kb / 6P
TV SOUND CHANNEL
Sep-1993
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
TV-SOUND PROCESSOR
logo
Samsung semiconductor
KA2102A SAMSUNG-KA2102A Datasheet
148Kb / 4P
TV SOUND SYSTEM
logo
Toshiba Semiconductor
TA1304F TOSHIBA-TA1304F Datasheet
315Kb / 31P
TV-SOUND PROCESSOR
logo
STMicroelectronics
TDA4190 STMICROELECTRONICS-TDA4190 Datasheet
537Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
logo
List of Unclassifed Man...
ECG704 ETC1-ECG704 Datasheet
281Kb / 7P
TV SOUND IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com