Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8191 Datasheet (PDF) - STMicroelectronics

TDA8191 Datasheet PDF - STMicroelectronics
Part # TDA8191
Download  TDA8191 Download
File Size   133.87 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TV SOUND CHANNEL

TDA8191 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA8191 Datasheet PDF - STMicroelectronics

Part # TDA8191
Download  TDA8191 Click to download

File Size   133.87 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TV SOUND CHANNEL

TDA8191 Datasheet (HTML) - STMicroelectronics


TDA8191 Product details

DESCRIPTION

The TDA8191 is a monolithic integrated circuit that includes all the functionsneeded fora completeTV sound channel.

The TDA8191 is assembled in a 20 pin dual in line power package.



. HIGH SENSITIVITY

. EXCELLENT AM REJECTION

. DC VOLUME CONTROL

. PERITELEVISION FACILITY

. 4W OUTPUT POWER

. LOW DISTORTION

. THERMAL PROTECTION

. TURN-ON AND TURN-OFF MUTING



 




Similar Part No. - TDA8191

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8190 STMICROELECTRONICS-TDA8190 Datasheet
183Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
Sep-1993
TDA8192 STMICROELECTRONICS-TDA8192 Datasheet
44Kb / 5P
MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
Oct-1993
TDA8196 STMICROELECTRONICS-TDA8196 Datasheet
61Kb / 5P
AUDIO SWITCH AND DC VOLUME CONTROLFOR TV
May-1996
TDA8198 STMICROELECTRONICS-TDA8198 Datasheet
54Kb / 5P
DOUBLE AUDIO SWITCH AND DC VOLUME CONTROL FOR TV
May-1996
TDA8199 STMICROELECTRONICS-TDA8199 Datasheet
45Kb / 4P
STEREO AMPLIFIER AND DC VOLUME CONTROL FOR TV
May-1996
More results


Similar Description - TDA8191

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE742 NTE-NTE742 Datasheet
25Kb / 3P
Integrated Circuit TV Sound Channel, 2W
NTE807 NTE-NTE807 Datasheet
20Kb / 3P
Integrated Circuit TV Sound Channel, 1W
logo
STMicroelectronics
TDA3190 STMICROELECTRONICS-TDA3190 Datasheet
188Kb / 9P
COMPLETE TV SOUND CHANNEL
Dec-1992
TDA8190 STMICROELECTRONICS-TDA8190 Datasheet
183Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
Sep-1993
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
TV-SOUND PROCESSOR
logo
Samsung semiconductor
KA2102A SAMSUNG-KA2102A Datasheet
148Kb / 4P
TV SOUND SYSTEM
logo
Sony Corporation
CXA1279AS SONY-CXA1279AS Datasheet
212Kb / 12P
TV SOUND PROCESSOR
logo
Toshiba Semiconductor
TA1304F TOSHIBA-TA1304F Datasheet
315Kb / 31P
TV-SOUND PROCESSOR
logo
STMicroelectronics
TDA4190 STMICROELECTRONICS-TDA4190 Datasheet
537Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
logo
List of Unclassifed Man...
ECG704 ETC1-ECG704 Datasheet
281Kb / 7P
TV SOUND IF
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com