Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8191 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8191
Description  TV SOUND CHANNEL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8191 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8191 Datasheet HTML 1Page - STMicroelectronics TDA8191 Datasheet HTML 2Page - STMicroelectronics TDA8191 Datasheet HTML 3Page - STMicroelectronics TDA8191 Datasheet HTML 4Page - STMicroelectronics TDA8191 Datasheet HTML 5Page - STMicroelectronics TDA8191 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(Refer to fig. 1 ; VS = 24V, RL =16
Ω, Pin 11 floating, ∆f= ±50kHz, Vi = 1mV, fo = 5.5MHz, fm = 1kHz,
Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V9
Recovered Audio Voltage (pin 9)
VC = 4.5V,
∆f= ± 15kHz
200
400
mVRMS
R9
Deemphasis Resistance
f = 20Hz to 20kHz
500
700
1000
Ω
AMR
Amplitude Modul. Rejection
m = 0.3, VO =4VRMS
45
60
dB
RI
Input Resistance (pin 2)
∆f= 0
30
k
Ω
CI
Input Capacitance (pin 2)
∆f = 0, VC =4.5V
6
pF
V12
DCVC Reference Voltage
5.6
6.2
V
Kv
Volume Attenuation
VC = 0.5V ; Fig. 2
VC = 4.5V ; Fig. 2
80
1.0
dB
dB
∆KV
∆Tj
Volume Attenuation Thermal Drift
Tj = 300 to 380
°K Fig. 3
–
0.05
– 0.1
dB/
°C
PO
Output Power (d = 10%)
3.5
4
W
SVR
Supply Voltage Rej.
(Pin 17)
(Pin 9)
VC = 4.5V
fripple = 100Hz
20
50
26
60
dB
dB
V11
Function Switch.
- Television Broadc.
Reproduction
0
2
V
or Pin 11 Floating
- Peritelevision Reproduction
8
12
V
R11
Input Resistance
10
k
Ω
V10
Input Voltage (d
≤ 2%)
VO =4VRMS ;V11 = 12V
0.5
2.0
VRMS
R10
Input Resistance
f = 20Hz to 20kHz
10
k
Ω
CT
Crosstalk between Pins 9, 10
60
dB
S
+ N
N
Signal to Noise Ratio
∆f= 0 ; VO =4VRMS
60
70
dB
d
Distortion (PO = 250mV)
2
%
∆f
Deviation Sens.
VC = 0.5V ; VO =4VRMS
± 4
± 10
kHz
4
0.1
µF
68 nF
1
µF
OUT
1
µF
IN
V11
SW
11k
Ω
24k
Ω
22
µF
22
µF
270
Ω
15k
Ω
22
Ω
47 0
µF
220 nF
R1
270k
Ω
4.7
µF
0.1
µF
51
Ω
0.1
µF
47 0
µF
VS
0.1
µF
Vi
IF
inp ut
910
11
12
13
14
20
19
17
16
15
6
5
1
18
2
3
4.5k
Ω
TDA 8191
V o
VC
V10
RL
68pF
L1
8.2pF
7
8
L1 : Qu = 80 @ f0 = 5.5MHz
Figure 1 : Test Circuit
TDA8191
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com