Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8191 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA8191
Description  TV SOUND CHANNEL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8191 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA8191 Datasheet HTML 1Page - STMicroelectronics TDA8191 Datasheet HTML 2Page - STMicroelectronics TDA8191 Datasheet HTML 3Page - STMicroelectronics TDA8191 Datasheet HTML 4Page - STMicroelectronics TDA8191 Datasheet HTML 5Page - STMicroelectronics TDA8191 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8
101214 161820 22 2426 28
V(V)
s
R= 8
Ω
L
R = 16 =
Ω
L
P (W)
o
0
1
2
3
4
5
d = 10%
Figure 7 :
Output Power versus Supply Voltage
P
(W)
tot
P (W)
o
Ptot
η (%)
1
234
5
0
1
1.5
2
2.5
3
0
20
40
60
80
100
R= 16
Ω
L
η
Figure 9 :
Power Dissipation and Efficiency ver-
sus Output Power
10
4
10
5
V (dB)
o
10
10
2
10
3
-8
-6
-4
-2
0
2
f(Hz)
A
V= 8V
V
= 200V
R
=16
Ω
11
10
L
Figure 6 :
Audio Amplifier Frequency Response
R= 8
Ω
L
d = 10%
V (V)
s
R= 16
Ω
L
8
1012
14 1618
202224
26 28
0
1
2
3
4
P
(W)
tot
Figure 8 :
Power Dissipation versus Supply Volt-
age (sine wave operation)
V (V)
s
8
1216
2024
28
0
5
10
15
20
V= 0
P2 = 12k
Ω
i
IS
Vo
I
(mA)
S
29
30
31
32
33
Vo
Figure 10 : Quiescent Drain and Quiescent Out-
put Voltage versus Supply Voltage
TDA8191
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com