Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8191 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8191
Description  TV SOUND CHANNEL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8191 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8191 Datasheet HTML 1Page - STMicroelectronics TDA8191 Datasheet HTML 2Page - STMicroelectronics TDA8191 Datasheet HTML 3Page - STMicroelectronics TDA8191 Datasheet HTML 4Page - STMicroelectronics TDA8191 Datasheet HTML 5Page - STMicroelectronics TDA8191 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TDA8191
TV SOUND CHANNEL
September 1993
.
HIGH SENSITIVITY
.
EXCELLENT AM REJECTION
.
DC VOLUME CONTROL
.
PERITELEVISION FACILITY
.
4W OUTPUT POWER
.
LOW DISTORTION
.
THERMAL PROTECTION
.
TURN-ON AND TURN-OFF MUTING
DIP20
(Plastic Package)
ORDER CODE : TDA8191
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SOUND IF INPUT
IF DECOUPLING
GND
DETECTOR (FM)
DETECTOR (FM)
GND
IF DECOUPLING
AF PA INPUT
AF PA FEEDBACK
SUPPLY VOLTAGE
AF PA OUTPUT
GND
DCVC OUTPUT
GND
TURN-ON AND TURN-OFF MUTING
DEEMPHASIS AND AF OUT
AF INPUT
VOLUME CONTROL
FUNCTION SWITCH
REF. VOLTAGE
PIN CONNECTION
DESCRIPTION
The TDA8191 is a monolithic integrated circuit that
includes all the functions needed for a complete TV
sound channel. The TDA8191 is assembled in a 20
pin dual in line power package.
1/6


Similar Part No. - TDA8191

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8190 STMICROELECTRONICS-TDA8190 Datasheet
183Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
Sep-1993
TDA8192 STMICROELECTRONICS-TDA8192 Datasheet
44Kb / 5P
MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
Oct-1993
TDA8196 STMICROELECTRONICS-TDA8196 Datasheet
61Kb / 5P
AUDIO SWITCH AND DC VOLUME CONTROLFOR TV
May-1996
TDA8198 STMICROELECTRONICS-TDA8198 Datasheet
54Kb / 5P
DOUBLE AUDIO SWITCH AND DC VOLUME CONTROL FOR TV
May-1996
TDA8199 STMICROELECTRONICS-TDA8199 Datasheet
45Kb / 4P
STEREO AMPLIFIER AND DC VOLUME CONTROL FOR TV
May-1996
More results

Similar Description - TDA8191

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE742 NTE-NTE742 Datasheet
25Kb / 3P
Integrated Circuit TV Sound Channel, 2W
NTE807 NTE-NTE807 Datasheet
20Kb / 3P
Integrated Circuit TV Sound Channel, 1W
logo
STMicroelectronics
TDA3190 STMICROELECTRONICS-TDA3190 Datasheet
188Kb / 9P
COMPLETE TV SOUND CHANNEL
Dec-1992
TDA8190 STMICROELECTRONICS-TDA8190 Datasheet
183Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
Sep-1993
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
TV-SOUND PROCESSOR
logo
Samsung semiconductor
KA2102A SAMSUNG-KA2102A Datasheet
148Kb / 4P
TV SOUND SYSTEM
logo
Sony Corporation
CXA1279AS SONY-CXA1279AS Datasheet
212Kb / 12P
TV SOUND PROCESSOR
logo
Toshiba Semiconductor
TA1304F TOSHIBA-TA1304F Datasheet
315Kb / 31P
TV-SOUND PROCESSOR
logo
STMicroelectronics
TDA4190 STMICROELECTRONICS-TDA4190 Datasheet
537Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
logo
List of Unclassifed Man...
ECG704 ETC1-ECG704 Datasheet
281Kb / 7P
TV SOUND IF
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com