Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3190 Datasheet (PDF) - STMicroelectronics

TDA3190 Datasheet PDF - STMicroelectronics
Part # TDA3190
Download  TDA3190 Download
File Size   188.26 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description COMPLETE TV SOUND CHANNEL

TDA3190 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA3190 Datasheet PDF - STMicroelectronics

Part # TDA3190
Download  TDA3190 Click to download

File Size   188.26 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description COMPLETE TV SOUND CHANNEL

TDA3190 Datasheet (HTML) - STMicroelectronics


TDA3190 Product details

DESCRIPTION
The TDA3190 can give an output power of 4.2 W (d = 10 %) into a 16 Ω load at VS = 24 V, or 1.5 W (d = 10 %) into an 8 Ω load at VS = 12 V. This performance,together with the FM-IF section characteristics of high sensitivity, high AM rejection and low distortion, enables the device to be used in almost every type of television receivers.
The device has no irradiation problems, hence no external screening is needed.
The TDA3190 is a pin to pin replacement of TDA1190Z.

The TDA3190 is a monolithic integrated circuit in a 16-lead dual in-line plastic package. It performs all the functions needed for the TV sound channel :
■ IF LIMITER AMPLIFIER
■ ACTIVE LOW-PASS FILTER
■ FM DETECTOR
■ DC VOLUME CONTROL
■ AF PREAMPLIFIER
■ AF OUTPUT STAGE




Similar Part No. - TDA3190

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA3 TI1-TDA3 Datasheet
93Kb / 6P
TDA3x SoC Processors for Advanced Driver Assist Systems (ADAS) Technical Brief
TDA3 TI1-TDA3 Datasheet
2Mb / 261P
SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3-Q1 TI1-TDA3-Q1 Datasheet
2Mb / 261P
SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
logo
NXP Semiconductors
TDA3047 PHILIPS-TDA3047 Datasheet
382Kb / 6P
INFRARED RECEIVER
March 1991
TDA3047P PHILIPS-TDA3047P Datasheet
382Kb / 6P
INFRARED RECEIVER
March 1991
More results


Similar Description - TDA3190

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1231 NTE-NTE1231 Datasheet
29Kb / 3P
Integrated Circuit Complete 4 Watt TV Sound Channel
NTE742 NTE-NTE742 Datasheet
25Kb / 3P
Integrated Circuit TV Sound Channel, 2W
NTE807 NTE-NTE807 Datasheet
20Kb / 3P
Integrated Circuit TV Sound Channel, 1W
logo
STMicroelectronics
TDA8190 STMICROELECTRONICS-TDA8190 Datasheet
183Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
Sep-1993
TDA8191 STMICROELECTRONICS-TDA8191 Datasheet
133Kb / 6P
TV SOUND CHANNEL
Sep-1993
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
TV-SOUND PROCESSOR
logo
Samsung semiconductor
KA2102A SAMSUNG-KA2102A Datasheet
148Kb / 4P
TV SOUND SYSTEM
logo
Toshiba Semiconductor
TA1304F TOSHIBA-TA1304F Datasheet
315Kb / 31P
TV-SOUND PROCESSOR
logo
STMicroelectronics
TDA4190 STMICROELECTRONICS-TDA4190 Datasheet
537Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
logo
List of Unclassifed Man...
ECG704 ETC1-ECG704 Datasheet
281Kb / 7P
TV SOUND IF
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com