Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3190 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA3190
Description  COMPLETE TV SOUND CHANNEL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA3190 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA3190 Datasheet HTML 1Page - STMicroelectronics TDA3190 Datasheet HTML 2Page - STMicroelectronics TDA3190 Datasheet HTML 3Page - STMicroelectronics TDA3190 Datasheet HTML 4Page - STMicroelectronics TDA3190 Datasheet HTML 5Page - STMicroelectronics TDA3190 Datasheet HTML 6Page - STMicroelectronics TDA3190 Datasheet HTML 7Page - STMicroelectronics TDA3190 Datasheet HTML 8Page - STMicroelectronics TDA3190 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA3190
COMPLETE TV SOUND CHANNEL
December 1992
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IF INPUT
IF DECOUPLING
GROUND
FM DETECTOR
DC VOLUME CONTROL
IF DECOUPLING
GROUND
FM DETECTOR
DE-EMPHASIS
RIPPLE REJECTION
SUPPLY VOLTAGE
GROUND
AF OUTPUT
COMPENSATION
AF FEEDBACK
GROUND
PIN CONNECTIONS
DIP16
(Plastic Package)
ORDER CODE : TDA3190
The TDA3190 is a monolithic integrated circuit in a
16-lead dual in-line plastic package. It performs all
the functions needed for the TV sound channel :
.
IF LIMITER AMPLIFIER
.
ACTIVE LOW-PASS FILTER
.
FM DETECTOR
.
DC VOLUME CONTROL
.
AF PREAMPLIFIER
.
AF OUTPUT STAGE
DESCRIPTION
The TDA3190 can give an output power of 4.2 W
(d = 10 %) into a 16
Ω load at VS = 24 V, or 1.5 W
(d = 10 %) into an 8
Ω load at VS = 12 V. This
performance, together with the FM-IF section char-
acteristics of high sensitivity, high AM rejection and
low distortion, enables the device to be used in
almost every type of television receivers.
The device has no irradiation problems, hence no
external screening is needed.
The TDA3190 is a pin to pin replacement of
TDA1190Z.
1/9


Similar Part No. - TDA3190

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA3 TI1-TDA3 Datasheet
93Kb / 6P
TDA3x SoC Processors for Advanced Driver Assist Systems (ADAS) Technical Brief
TDA3 TI1-TDA3 Datasheet
2Mb / 261P
SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3-Q1 TI1-TDA3-Q1 Datasheet
2Mb / 261P
SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
logo
NXP Semiconductors
TDA3047 PHILIPS-TDA3047 Datasheet
382Kb / 6P
INFRARED RECEIVER
March 1991
TDA3047P PHILIPS-TDA3047P Datasheet
382Kb / 6P
INFRARED RECEIVER
March 1991
More results

Similar Description - TDA3190

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1231 NTE-NTE1231 Datasheet
29Kb / 3P
Integrated Circuit Complete 4 Watt TV Sound Channel
NTE742 NTE-NTE742 Datasheet
25Kb / 3P
Integrated Circuit TV Sound Channel, 2W
NTE807 NTE-NTE807 Datasheet
20Kb / 3P
Integrated Circuit TV Sound Channel, 1W
logo
STMicroelectronics
TDA8190 STMICROELECTRONICS-TDA8190 Datasheet
183Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
Sep-1993
TDA8191 STMICROELECTRONICS-TDA8191 Datasheet
133Kb / 6P
TV SOUND CHANNEL
Sep-1993
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
TV-SOUND PROCESSOR
logo
Samsung semiconductor
KA2102A SAMSUNG-KA2102A Datasheet
148Kb / 4P
TV SOUND SYSTEM
logo
Toshiba Semiconductor
TA1304F TOSHIBA-TA1304F Datasheet
315Kb / 31P
TV-SOUND PROCESSOR
logo
STMicroelectronics
TDA4190 STMICROELECTRONICS-TDA4190 Datasheet
537Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
logo
List of Unclassifed Man...
ECG704 ETC1-ECG704 Datasheet
281Kb / 7P
TV SOUND IF
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com