Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8198 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8198
Description  DOUBLE AUDIO SWITCH AND DC VOLUME CONTROL FOR TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8198 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8198 Datasheet HTML 1Page - STMicroelectronics TDA8198 Datasheet HTML 2Page - STMicroelectronics TDA8198 Datasheet HTML 3Page - STMicroelectronics TDA8198 Datasheet HTML 4Page - STMicroelectronics TDA8198 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TDA8198
DOUBLE AUDIO SWITCH
AND DC VOLUME CONTROL FOR TV
May 1996
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NOT TO BE CONNECTED
GROUND
LEFT OUTPUT
LEFT INPUT 2
NOT TO BE CONNECTED
RIGHT INPUT 1
RIGHT INPUT 2
RIGHT OUTPUT
RIGHT VOLUME CONTROL
LEFT VOLUME CONTROL
C
REF
V
S
LEFT INPUT 1
SWITCH CONTROL
PIN CONNECTIONS
DIP14
(Plastic Package)
ORDER CODE : TDA8198
s
A DOUBLE TWO-INPUT CIRCUITS WITH
SWITCHING FACILITIES
s
A DOUBLE DC VOLUME CONTROL
s
12dB MAXIMUM GAIN
s
90dB SIGNAL DYNAMIC RANGE
IMPEDANCE
ADAPTER
SWITCH
VOLUME
CONTROL
VOLUME
CONTROL
IMPEDANCE
ADAPTER
IMPEDANCE
ADAPTER
REFERENCE
VOLTAGE
7
9
11
5
3
12
4
1
13
6
10
8
V1
V1
IMPEDANCE
ADAPTER
S WITCH
TDA8198
BLOCK DIAGRAM
DESCRIPTION
The TDA8198 is a monolithic integrated circuit in
DIP14 package intented for TV applications which
provides Audio switching facilities between two
double inputs including DC volume control.
1/5


Similar Part No. - TDA8198

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8190 STMICROELECTRONICS-TDA8190 Datasheet
183Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
Sep-1993
TDA8191 STMICROELECTRONICS-TDA8191 Datasheet
133Kb / 6P
TV SOUND CHANNEL
Sep-1993
TDA8192 STMICROELECTRONICS-TDA8192 Datasheet
44Kb / 5P
MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
Oct-1993
TDA8196 STMICROELECTRONICS-TDA8196 Datasheet
61Kb / 5P
AUDIO SWITCH AND DC VOLUME CONTROLFOR TV
May-1996
TDA8199 STMICROELECTRONICS-TDA8199 Datasheet
45Kb / 4P
STEREO AMPLIFIER AND DC VOLUME CONTROL FOR TV
May-1996
More results

Similar Description - TDA8198

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4865 NSC-LM4865 Datasheet
340Kb / 9P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
STMicroelectronics
TDA8196 STMICROELECTRONICS-TDA8196 Datasheet
61Kb / 5P
AUDIO SWITCH AND DC VOLUME CONTROLFOR TV
May-1996
TDA8199 STMICROELECTRONICS-TDA8199 Datasheet
45Kb / 4P
STEREO AMPLIFIER AND DC VOLUME CONTROL FOR TV
May-1996
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
Stereo Audio Volume Control
logo
National Semiconductor ...
LM4875 NSC-LM4875 Datasheet
673Kb / 13P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
Texas Instruments
LM4865MX TI1-LM4865MX Datasheet
1Mb / 25P
LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875 TI-LM4875_15 Datasheet
1Mb / 21P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com