Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8205 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA8205
Description  NICAM QPSK DEMODULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8205 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA8205 Datasheet HTML 1Page - STMicroelectronics TDA8205 Datasheet HTML 2Page - STMicroelectronics TDA8205 Datasheet HTML 3Page - STMicroelectronics TDA8205 Datasheet HTML 4Page - STMicroelectronics TDA8205 Datasheet HTML 5Page - STMicroelectronics TDA8205 Datasheet HTML 6Page - STMicroelectronics TDA8205 Datasheet HTML 7Page - STMicroelectronics TDA8205 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
DAC AND FILTER (LFIL1, RFIL1)
VDC
DC Bias Voltage
2.5
V
IOUT
Output Current (RG = 5.6k
Ω, DAC full scale)
340
µAPP
VRG
RG Pin DC Voltage
1.25
V
AUDIO MATRIX (AOL, AOR, AMOL, AMOR)
DAC SELECTED
VOUT
Output Voltage (1kHz at -11.75dB, J17 de-emphasis, RG = 5.6k
Ω)
0.39
0.5
0.63
VRMS
S/N
Relative to 0.5VRMS, noise measured with IEC-179 A-filter
60
70
dB
THD
1kHz at 0.5VRMS, RG = 5.6k
Ω
0.05
0.2
%
Crosstalk at 1kHz, 0.5VRMS
65
dB
Chm
Maximum Channel Matching Error
2
dB
MONO OR STEREO AUDIO INPUT SELECTED (MAI, SAIL, SAIR)
S/N
Relative to 0.5VRMS, noise measured with IEC-179 A-filter
88
dB
THD
1kHz at 0.5VRMS
0.02
%
STEREO AUDIO INPUT SELECTED
Crosstalk at 1kHz, 0.5VRMS
75
dB
Chm
Maximum Channel Matching Error
2
dB
TDA8205
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com