Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8205 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8205
Description  NICAM QPSK DEMODULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8205 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8205 Datasheet HTML 1Page - STMicroelectronics TDA8205 Datasheet HTML 2Page - STMicroelectronics TDA8205 Datasheet HTML 3Page - STMicroelectronics TDA8205 Datasheet HTML 4Page - STMicroelectronics TDA8205 Datasheet HTML 5Page - STMicroelectronics TDA8205 Datasheet HTML 6Page - STMicroelectronics TDA8205 Datasheet HTML 7Page - STMicroelectronics TDA8205 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TDA8205
NICAM QPSK DEMODULATOR
October 1993
1
2
3
4
5
6
7
8
9
10
11
12
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
21
24
23
22
GND
XC1
XC2
DF2
DF1
AGC
LFIL1
RG
GND
RFIL1
RESET
SERI
DACDL
DACDR
GND
CK11648
CK728
NDO
TEST
MMO
GND
AOL
AOR
DC1
DC2
AMOL
AMOR
CAP
MAI
SAIL
SAIR
EAIL
EAIR
XK1
LF1
LF2
V
CC
IN
I
V
DD
BG
IN
CC
V
DD
V
PIN CONNECTIONS
SHRINK 42
(Plastic Package)
ORDER CODE : TDA8205
.
HIGHLY INTEGRATED TWO CHIP SOLU-
TION FOR NICAM DEMODULATION (using
TDA8204 decoder)
.
AUTOMATIC DUAL STANDARD DEMODULA-
TION
6.552MHz FOR I SYSTEM
5.85MHz FOR B/G SYSTEM
.
40dB RANGE AGC
.
SINGLE CRYSTAL OPERATION
.
NICAM 728 DATA AND CLOCK RECOVERY
.
LOW PASS FILTER FOR PWM CODED
AUDIO SIGNALS AND J-17 DE-EMPHASIS
.
AUTOMATIC FM MONO SELECTION BY RE-
SERVE SOUND SWITCH FUNCTION
.
VERSATILE AUDIO SWITCHING MATRIX
.
AUTOMATIC MUTE FUNCTION
DESCRIPTION
The TDA8205 is essentially divided into two signal
processing sections. The first section handles all
the NICAM signal acquisition, the QPSK demodu-
lator and clock and data recovery circuits. The key
point to note about this section is the dual fre-
quency synthesiser. By use of only one quartz
crystal, the IC is able to demodulate QPSK signals
from either system I or system B/G in an automatic
way. The second section of the TDA8205 manages
the analog parts of the twin digital-to-analog con-
verters (DACs) and all filtering and audio switching
downstream of the DACs. A simple serial bus from
the TDA8204 allows control of the switch functions
by the CTV system microcontroller.
1/8


Similar Part No. - TDA8205

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8204B STMICROELECTRONICS-TDA8204B Datasheet
227Kb / 12P
NICAM DECODER
More results

Similar Description - TDA8205

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92303 MOTOROLA-MC92303 Datasheet
33Kb / 3P
QPSK/BPSK DIGITAL DEMODULATOR
logo
NXP Semiconductors
TDA8732 PHILIPS-TDA8732 Datasheet
96Kb / 14P
NICAM-728 demodulator NIDEM
April 1993
logo
STMicroelectronics
STV0196B STMICROELECTRONICS-STV0196B Datasheet
236Kb / 23P
QPSK/BPSK DEMODULATOR AND FEC IC
Sep-1996
logo
Sony Corporation
CXD1961Q SONY-CXD1961Q Datasheet
217Kb / 15P
DVB-S Front-end IC (QPSK demodulator FEC)
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306 Datasheet
37Kb / 8P
Digital QPSK Demodulator
1998 02
logo
Siemens Semiconductor G...
SDA6310 SIEMENS-SDA6310 Datasheet
568Kb / 19P
DSR QPSK-Demodulator
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306_04 Datasheet
161Kb / 8P
Digital QPSK Demodulator
July 2004
logo
Synaptics Incorporated.
CX24123 CONEXANT-CX24123 Datasheet
139Kb / 2P
Demodulator and FEC Decoder Low-power QPSK demodulator for worldwide satellite set-top box applications
CX24130 CONEXANT-CX24130 Datasheet
209Kb / 2P
Dual Stream QPSK/BPSK Demodulator lC
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
Digital QPSK Demodulator
Jul 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com