Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8214 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8214
Description  HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8214 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8214 Datasheet HTML 1Page - STMicroelectronics TDA8214 Datasheet HTML 2Page - STMicroelectronics TDA8214 Datasheet HTML 3Page - STMicroelectronics TDA8214 Datasheet HTML 4Page - STMicroelectronics TDA8214 Datasheet HTML 5Page - STMicroelectronics TDA8214 Datasheet HTML 6Page - STMicroelectronics TDA8214 Datasheet HTML 7Page - STMicroelectronics TDA8214 Datasheet HTML 8Page - STMicroelectronics TDA8214 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
VCC1 = 10V, TAMB = 25
oC (unless otherwise specified )
Symbol
Parameter
Min.
Typ.
Max.
Unit
FRAME POWER SUPPLY (Pin 9)
V9
Operating Voltage (with flyback Generator)
10
58
V
I9
Supply Current (V9 = 30V)
11
22
mA
FLYBACK GENERATOR SUPPLY (Pin 3)
VCC2
Operating Voltage
10
30
V
FRAME OUTPUT (Pin 10)
Saturation Voltage to Ground (V9 = 30V)
LV10A
I10 = 0.1A
0.06
0.6
V
LV10B
I10 = 1A
0.37
1
V
Saturation Voltage to V9 (V9 = 30V)
HV10A
I10 = -0.1A
1.3
1.6
V
HV10B
I10 = -1A
1.7
2.4
V
Saturation Voltage to V9 in Flyback Mode (V10 > V9)
FV10A
I10 = 0.1A
1.6
2.1
V
FV10B
I10 = 1A
2.5
4.5
V
FLYBACK GENERATOR (Pin 3 and Pin 4)
Flyback Transistor on (output = high state), VCC2 = 30V V4/3 with
F2DA
I4
→ 3 = 0.1A
1.5
2.1
V
F2DB
I4 → 3 = 1A
3.0
4.5
V
Flyback Transistor on (output = high state), VCC2 = 30V V3/4 with
FSVA
I3 → 4 = 0.1A
0.8
1.1
V
FSVB
I3 → 4 = 1A
2.2
4.5
V
Flyback Transistor off (output = V9 - 8V), V9 - VCC2 = 30V
FCI
Leakage Current Pin 3
170
µA
SUPER SANDCASTLE OUTPUT (Pin 19)
Output Voltages (R load = 2.2k
Ω)
SANDT2
Frame blanking pulse level
2
2.5
3
V
SANDL2
Line blanking pulse level
4
4.5
5
V
BG2
Burst key pulse level
8
9
V
Pulses width and timing
SC3
Delay between middle of sync pulse and leading edge of burst key pulse
2.3
2.7
3.1
µs
SC2
Duration of burst key pulse
Vertical blanking pulse width
3.7
4
Note 1
5
µs
LINE FLYBACK INPUT (Pin 18)
Switching level
2
V
Maximum imput current at VPEAK = 800V
8
mA
Limiting voltage at maximum current
4.3
V
τ
RC network time constant (Note 2)
6
µs
Notes : 1. Width of vertical blanking pulse on SSC output is proportional to the frame flyback time, the switching level is VCC2 - 2VBE and
the other input of the comparator is tied to the frame amplifier output. Application circuit uses the frame flyback generator.
2. An RC network is connected to this input. Typical value for the resistor is 27k
Ω and 220pF for the capacitor. A different time
constant for RC changes the delay between the middle of the line synchro pulse and the leading edge of the burst key pulse but
also the duration of the burst key pulse.
TDA8214B
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com