Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8214 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA8214
Description  HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8214 Datasheet(HTML) 6 Page - STMicroelectronics

  TDA8214 Datasheet HTML 1Page - STMicroelectronics TDA8214 Datasheet HTML 2Page - STMicroelectronics TDA8214 Datasheet HTML 3Page - STMicroelectronics TDA8214 Datasheet HTML 4Page - STMicroelectronics TDA8214 Datasheet HTML 5Page - STMicroelectronics TDA8214 Datasheet HTML 6Page - STMicroelectronics TDA8214 Datasheet HTML 7Page - STMicroelectronics TDA8214 Datasheet HTML 8Page - STMicroelectronics TDA8214 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
11
Phase
comparator
output
R5
R4
Vcc1
Figure 3 : Line Oscillator
The oscillator thresholds are internally fixed by
resistors. The discharge of the capacitor depends
on the internal resistor R4. The control voltage is
applied on resistor R5.
Line
Flyback
Sync pulse
Output
Current
Vc
Integrated
Flyback
Figure 4 : Phase Comparator
The sync-pulse drives the current in the compara-
tor. The line flyback integrated by the external net
work gives on pin 13 a saw tooth, the DC offset of
this saw tooth is fixed by VC. The comparator
output provides a positive current for the part of the
signal on pin 13 greater than to VC and a negative
current for the other part. When the line flyback and
the video signal are synchronized, the output of the
comparator is an alternatively negative and positive
current. The frame sync-pulse inhibits the compa-
rator to prevent frequency drift of the line oscillator
on the frame beginning.
13
12
Vcc1
Vc
SL2
ST1
Figure 5
Line output (Pin 17)
It is an open-collector output. The output positive
pulse time is 29
µs for a 64µs period.
The oscillator thresholds are internally fixed by
resistors. The oscillator is synchronized during the
last half free run period. The input current during
the charge of the capacitor is less than 100nA.
TDA8214B
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com