Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8217 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8217
Description  PAL DECODER AND VIDEO PROCESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8217 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8217 Datasheet HTML 1Page - STMicroelectronics TDA8217 Datasheet HTML 2Page - STMicroelectronics TDA8217 Datasheet HTML 3Page - STMicroelectronics TDA8217 Datasheet HTML 4Page - STMicroelectronics TDA8217 Datasheet HTML 5Page - STMicroelectronics TDA8217 Datasheet HTML 6Page - STMicroelectronics TDA8217 Datasheet HTML 7Page - STMicroelectronics TDA8217 Datasheet HTML 8Page - STMicroelectronics TDA8217 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1
2
3
4
5
6
7
8
9
10
16
17
18
19
20
11
12
13
14
15
VIDEO
INPUT
CONTRAST
CONTOL
MATRIX
RGB
OUTP UT
P HASE
DETECTOR
-90 DEG
DEMODULATORS
BRIGTHNES S
CONTROL
XVCO
FLIP-FLOP
DL
MATRIX
S ATURATION
CONTROL
SSC/FB
INPUT
KILLER
DETECTOR
BURS T
DETECTOR
ACC
V
CC
GND
R
G
B
BRIGHTNES S
DELAYED CHANNEL
INP UT
CHROMINANCE
OUTP UT
S ATURATION
CHROMINANCE
ACC
CAPACITOR
KILLER
CAPACITOR
SUPER
S ANDCASTLE
4.43MHz
VIDEO
CONTRAST
TDA8217
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
12
V
Toper
Operating Temperature
0 , + 70
oC
Tstg
Storage Temperature
-55 , + 150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Thermal Resistance Junction-Ambient
Max.
80
oC/W
DC AND AC ELECTRICAL CHARACTERISTICS
VCC =9V, TAMB =25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
8
9
10
V
ICC
Supply Current
No Load
30
50
mA
PD
Total Power Dissipation
No Load
270
450
mW
LUMINANCE INPUT (Pin 3)
Input Level before Clipping (Black to White)
500
mVPP
DC Operating Voltage
No Input Signal
2.5
2.8
3.1
V
Input Current
During Burst Period
Out of Burst Period
± 50 ± 100 ± 150
5
µA
µA
CHROMINANCE INPUT (Pin 10)
Input Level before Clipping
900
mVPP
ACC Control Range
Change of Burst Signal over
whole ACC Control Range < 1dB
30
dB
Minimum Burst Signal Amplitude within the
ACC Control Range
30
mVPP
TDA8217
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com