Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8217 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8217
Description  PAL DECODER AND VIDEO PROCESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8217 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8217 Datasheet HTML 1Page - STMicroelectronics TDA8217 Datasheet HTML 2Page - STMicroelectronics TDA8217 Datasheet HTML 3Page - STMicroelectronics TDA8217 Datasheet HTML 4Page - STMicroelectronics TDA8217 Datasheet HTML 5Page - STMicroelectronics TDA8217 Datasheet HTML 6Page - STMicroelectronics TDA8217 Datasheet HTML 7Page - STMicroelectronics TDA8217 Datasheet HTML 8Page - STMicroelectronics TDA8217 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DC AND AC ELECTRICAL CHARACTERISTICS (continued)
VCC =9V , TAMB =25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CHROMINANCE INPUT (Pin 10) (continued)
Input Impedance
6
8
12
k
Ω
DC Operating Voltage
No Input Signal
2.3
2.8
3.3
V
SSC INPUT (Pin 4)
Burst Gate Threshold
7.0
7.5
8.0
V
Line Blanking Threshold
3.1
3.6
3.9
V
Frame Blanking Threshold / Fast Blanking
0.5
1
1.5
V
Input Current
60
µA
CONTRAST CONTROL INPUT (Pin 5) (See Figure 1)
Input Current
10
µA
Contrast Control Range
20
dB
SATURATION CONTROL INPUT (Pin 9) (See Figure 2)
Input Current
10
µA
Tracking between Luminance and
Chrominance Signals over 10 dB
Contrast Control
2dB
BRIGHTNESS CONTROL INPUT (Pin 1) (See Figure 3)
Input Current
10
µA
ACC CAPACITOR (Pin 12)
Charging Current
During Burst Gate Period
100
µA
Discharging Current
During Burst Gate Period
10
µA
Leakage Current
Out of Burst Gate Period
5
µA
KILLER CAPACITOR (Pin 13)
Color off Voltage
No Chroma Signal
5.6
V
Color on Voltage
6V
PAL flip-flop inhibition level
3.2
V
Control Current
150
µA
Leakage Current
5
µA
Voltage with Nominal Input Signal
6.4
6.5
7.0
V
PLL LOOP FILTER (Pin 16)
Control Current
800
µA
Leakage Current
5
µA
SUBCARRIER OUTPUT (Pin 8)
Output Burst Amplitude
Within ACC Control Range
1.6
2.4
3.0
VPP
DELAYED CHANNEL INPUT (Pin 6)
DC Operating Voltage
No Input Signal
2.0
2.2
2.4
V
Input impedance
6
8
12
k
Ω
RGB OUTPUTS (Pins 17-18-19)
Output Signal Amplitude
(Black to White)
0.35V B to W, Signal @ Pin 3,
Contrast @ 4.2V, Sat. @ 1.6V,
Brig. @ 3.5V
2.80
3.15
3.50
V
Blue Channel Output Amplitude
(no Y)
300 mVPP (B-Y), Signal with
200mVPP Burst Amplitude at pin 10,
Contrast @ 4.2V, Sat. @ 4.2V,
Brig. @ 3.5V
3.5
3.9
4.3
VPP
Individual Output Sinking Current
2
mA
TDA8217
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com