Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8219 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8219
Description  PAL/NTSC DECODER AND VIDEO PROCESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8219 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8219 Datasheet HTML 1Page - STMicroelectronics TDA8219 Datasheet HTML 2Page - STMicroelectronics TDA8219 Datasheet HTML 3Page - STMicroelectronics TDA8219 Datasheet HTML 4Page - STMicroelectronics TDA8219 Datasheet HTML 5Page - STMicroelectronics TDA8219 Datasheet HTML 6Page - STMicroelectronics TDA8219 Datasheet HTML 7Page - STMicroelectronics TDA8219 Datasheet HTML 8Page - STMicroelectronics TDA8219 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DC AND AC ELECTRICAL CHARACTERISTICS (continued)
VCC =9V , TAMB =25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
CHROMINANCE INPUT (Pin 10)
Input Level
300
900
mVPP
ACC Control Range
Change of Burst Signal over
whole ACC Control Range < 1dB
30
dB
Minimum Burst Signal Amplitude within the
ACC Control Range
30
mVPP
Input Impedance
6
8
12
k
Ω
DC Operating Voltage
No Input Signal
2.3
2.8
3.3
V
SSC INPUT (Pin 4)
Burst Gate Threshold
7.0
7.5
8.0
V
Line Blanking Threshold
3.1
3.6
3.9
V
Frame Blanking Threshold / Fast Blanking
0.5
1
1.5
V
Input Current
60
µA
CONTRAST CONTROL INPUT (Pin 5) (See Figure 1)
Input Current
10
µA
Contrast Control Range
20
dB
SATURATION CONTROL INPUT (Pin 9) (See Figure 2)
Input Current
10
µA
Tracking between Luminance and
Chrominance Signals over 10 dB Contrast
Control
2dB
BRIGHTNESS CONTROL INPUT (Pin 1) (See Figure 3)
Input Current
10
µA
ACC CAPACITOR (Pin 12)
Charging Current
During Burst Gate Period
200
µA
Discharging Current
During Burst Gate Period
10
µA
Leakage Current
Out of Burst Gate Period
5
µA
PAL KILLER CAPACITOR (Pin 15)
Color off Voltage
No Chroma Signal
5.2
V
Color on Voltage
5.4
V
PAL flip-flop inhibition level
3.2
V
Control Current
200
µA
Leakage Current
5
µA
Voltage with Nominal Input Signal
6.0
V
NTSC KILLER CAPACITOR (Pin 13)
Color off Voltage
No Chroma Signal
5.2
V
Color on Voltage
5.4
V
Control Current
200
µA
Leakage Current
5
µA
Voltage with Nominal Input Signal
6.0
V
PLL LOOP FILTER (Pin 16)
Control Current
800
µA
Leakage Current
5
µA
SUBCARRIER OUTPUT (Pin 8)
Output Burst Amplitude
Within ACC Control Range
1.6
2.4
3.0
VPP
TDA8219
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com