Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8219 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8219
Description  PAL/NTSC DECODER AND VIDEO PROCESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8219 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8219 Datasheet HTML 1Page - STMicroelectronics TDA8219 Datasheet HTML 2Page - STMicroelectronics TDA8219 Datasheet HTML 3Page - STMicroelectronics TDA8219 Datasheet HTML 4Page - STMicroelectronics TDA8219 Datasheet HTML 5Page - STMicroelectronics TDA8219 Datasheet HTML 6Page - STMicroelectronics TDA8219 Datasheet HTML 7Page - STMicroelectronics TDA8219 Datasheet HTML 8Page - STMicroelectronics TDA8219 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DC AND AC ELECTRICAL CHARACTERISTICS (continued)
VCC =9V, TAMB =25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DELAYED CHANNEL INPUT (Pin 6)
DC Operating Voltage
No Input Signal
2.0
2.2
2.4
V
Input impedance
6
8
12
k
Ω
RGB OUTPUTS (Pins 17-18-19)
Output Signal Amplitude
(Black to White)
0.35V B to W, Signal @ Pin 3,
Contrast @ 4.2V, Sat. @ 1.6V,
Brig. @ 3.5V
2.80
3.15
3.50
V
Blue Channel Output Amplitude
(no Y)
300mVPP (B-Y), Signal with 200mVPP
Burst Amplitude at Pin 10,
Contrast @ 4.2V, Sat. @ 4.2V,
Brig. @ 3.5V
3.5
3.9
4.3
VPP
Individual Output Sinking Current
1.5
2
2.5
mA
Maximum Peak White Level
7.4
7.8
8.2
V
Blanking Level
1.0
1.2
1.4
V
Black Level Differential Error
350
mV
Relative Variation in Black Level
with Various Saturation, Contrast
and Brightness Control Level
10
mV
Black Level Thermal Drift
0.5
mV/
oC
Differential Black Level Drift over
40
oC Temperature Range
5mV
Frequency Response(-3dB)
7
MHz
HUE CONTROL INPUT (Pin 7 ) (see Figure 4)
Control Range
± 20
± 45
deg
Input Current
10
µA
NTSC Select Voltage
2.0
6.0
V
PAL Select Voltage
00
0.5
V
XTAL (Pin 14)
Catching Range
PAL, XTAL with CM = 13fF
NTSC, XTAL with CM = 13fF
± 700
± 700
Hz
Hz
RGB CLAMP CAPACITOR (Pin 2)
Control Current
50
100
150
µA
Leakage Current
5
µA
25
50
75
100
0
123
4
5
Gain (%)
Contrast Control
Voltage (V)
Figure 1 : Contrast Control Voltage Range
25
50
75
100
01
2
3
4
5
Gai n (%)
Saturation Control
Voltage (V)
Figure 2 : Saturation Control Voltage Range
TDA8219
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com