Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9103 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA9103
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9103 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA9103 Datasheet HTML 9Page - STMicroelectronics TDA9103 Datasheet HTML 10Page - STMicroelectronics TDA9103 Datasheet HTML 11Page - STMicroelectronics TDA9103 Datasheet HTML 12Page - STMicroelectronics TDA9103 Datasheet HTML 13Page - STMicroelectronics TDA9103 Datasheet HTML 14Page - STMicroelectronics TDA9103 Datasheet HTML 15Page - STMicroelectronics TDA9103 Datasheet HTML 16Page - STMicroelectronics TDA9103 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
SMPS Output
Inhibition
-
+
VCC 30
REF 30
XRAY 30
VCCoff 30
S
R
Q
-
+
H-duty Cycle 30
1V 30
-
+
Flyback 30
0.7V 30
30
PLL-Unloocked
VCC Checking
XRAY Protection
Inhibition
H Output
Inhibition
V Output
Inhibition
Blanking
Figure 11 : Safety Functions Block Diagram
20k
Ω
220nF
13
From
Phase
Comparator
NOR1
A
6.5V
B
NOR2
23 SBLK OUT
H-Lock CAP
Figure 12 : LOCK/UNLOCK Block Diagram
The TDA9103 also includes a LOCK/UNLOCK
identification block which sense in real-time
wheather the PLL is locked on the incomming
horizontal sync signal or not. The resulting informa-
tion is available on safety blanking output (Pin 23)
where it is mixed with others information (see Fig-
ure 11). The block diagram of the LOCK/UNLOCK
function is described in Figure 12.
The NOR1 gate is receiving the phase comparator
output pulses (which also drives the charge pump).
When the PLL is locked, on point A there is a very
small negative pulse (100ns) at each horizontal
cycle, so after R-C filter, there is a high level on Pin
13 which force SBLK to high level (provided other
inputs on NOR2 are also at low level).
When the PLL is unlocked, the 100ns negative
pulse on A becomesmuch larger and consequently
the average level on Pin 13 will decrease. When it
reaches 6.5V, point B goes to high level forcing
NOR2 open collector output to ”0”.
The status of Pin 13 is approximately the following :
- Near 0V when there is no H-SYNC,
- Between 0 and 4V with H-SYNC frequency differ-
H Osc
Sawtooth
Phase REF1
H Synchro
1.6V
Vb
6.4V
2.4V<Vb<4V
0.75T
0.25T
Phase REF1 is obtained by comparison between the sawtooth
and a DC voltage adjustable between 2.4V and 4V. The PLL1
ensures the exact coincidence between the signals phase REF
and HSYNS. A
± 45° phase adjustment is possible.
Figure 13 : PLL1 Timing Diagram
ent from VCO,
- Between 4 and 8V when H-SYNC frequency
= VCO frequency but not in phase,
- Near to 8V when PLL is locked.
It is important to notice that Pin 13 is not an output
pin and must only be used for filtering purpose (see
Figure 12).
TDA9103
13/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com