Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9103 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA9103
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9103 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA9103 Datasheet HTML 14Page - STMicroelectronics TDA9103 Datasheet HTML 15Page - STMicroelectronics TDA9103 Datasheet HTML 16Page - STMicroelectronics TDA9103 Datasheet HTML 17Page - STMicroelectronics TDA9103 Datasheet HTML 18Page - STMicroelectronics TDA9103 Datasheet HTML 19Page - STMicroelectronics TDA9103 Datasheet HTML 20Page - STMicroelectronics TDA9103 Datasheet HTML 21Page - STMicroelectronics TDA9103 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Function
When the synchronisation pulse is not present, an
internal current source sets the free running fre-
quency. For an external capacitor, COSC = 180nF,
the typical free running frequency is 84Hz.
Typical free running frequency can be calculated
by :
f0
(Hz)= 1.5 ⋅ 10−5 ⋅
1
COSC
(nF)
A negative or positive TTL level pulse applied on
Pin 34 (VSYNC) can synchronise the ramp in the
frequency range [fmin, fmax]. This frequency range
dependson the external capacitor connected on Pin
27. A capacitor in the range [150nF, 220nF] is re-
commanded for applicat ion in the following
range : 50Hz to 120Hz.
Typical maximum and minimum frequency, at 25
°C
and without any correction (S correction or C cor-
rection), can be calculated by :
fmax = 2.5
⋅ f0
fmin = 0.33
⋅ f0
If S or C corrections are applied, these values are
slighty affected.
If an external synchronisation pulse is applied, the
internal oscillator is automaticaly caught but the
amplitude is no more constant. An internal correc-
tion is activated to adjust it in less than half a
second: the highest voltage of the ramp on Pin 27
is sampled on the sampling capacitor connected on
Pin 25 (VAGCCAP) at each clock pulse and a
transconductance amplifier generates the charge
current of the capacitor. The ramp amplitude be-
comes again constant.
It is recommanded to use a AGC capacitor with low
leakage current. A value lower than 100nA is man-
datory.
DC Control Adjustments
Then, a S correction shape can be added to this
ramp. This frequency independent S correction is
generated internally; its amplitude is DC adjustable
on Pin 28 (VSAMP) and it can be centered to gener-
ate C correction, according to the voltage applied
on Pin 29 (VSCENT).
It is non effective for VSAMP lower than VREF/4 and
maximum for VSAMP = 3/4
⋅ VREF.
Endly, the amplitude of this S corrected ramp can
be adjusted by the voltage applied on Pin 31
(VAMP). The adjusted ramp is available on Pin 30
(VOUT) to drive an external power stage. The gain
of this stage is typically
±30% when voltage applied
on Pin 31 is in the range VREF/4 to 3/4
⋅ VREF.The
DC value of this ramp is kept constant in the
frequency range , for any correction applied on it.
Its typical value is :
VDCOUT =VMID = 7/16
⋅ VREF.
A DC voltage is available on Pin 32 (VDCOUT). It is
driven by the voltage applied on Pin 33 (VPOS). For
a voltage control range between VREF/4 and 3/4
⋅
VREF, the voltage available on Pin 32 is :
VDCOUT = 7/16
⋅ VREF ± 300mV.
So, the VDCOUT voltage is correlated with DC value
of VOUT. It increases the accuracy when tempera-
ture varies.
Basic Equations
In first approximation, the amplitude of the ramp on
Pin 30 (VOUT)is :
VOUT -VMID =(VCAP -VMID) [1 + 0.16
⋅ (VAMP -VREF/2)]
with VMID = 7/16
⋅ VREF ; typically 3.5V
VMID is the middle value of the ramp on Pin 27
VCAP =V27 , ramp with fixed amplitude.
On Pin 32 (VDCOUT), the voltage (in volts) is calcu-
lated by :
VDCOUT =VMID + 0.16
⋅ (VPOS -VREF/2).
VPOS is the voltage applied on Pin 33.
The center of the S correction can be approxima-
tively calculated according to the voltage applied
on Pin 29 (VSCENT):
VCENTER =VMID + 0.25
⋅ (VSCENT -VREF/2)
This is an internal voltage used to adjust the C
correction. The S correction can be adjusted along
the ramp according to this parameter. It is ineffec-
tive when VSAMP is lower than VREF/4.
The current available on Pin 27
(when VSAMP =VREF/4) is :
IOSC = 3/8
⋅ VREF ⋅ COSC ⋅ f
COSC : capacitor connected on Pin 27
f synchronisation frequency
The recommanded capacitor value on Pin 25
(VAGC) is 470nF. Its assumes a good stability of the
internal closed loop.
TDA9103
18/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com