Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9106 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA9106
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA9106 Datasheet HTML 17Page - STMicroelectronics TDA9106 Datasheet HTML 18Page - STMicroelectronics TDA9106 Datasheet HTML 19Page - STMicroelectronics TDA9106 Datasheet HTML 20Page - STMicroelectronics TDA9106 Datasheet HTML 21Page - STMicroelectronics TDA9106 Datasheet HTML 22Page - STMicroelectronics TDA9106 Datasheet HTML 23Page - STMicroelectronics TDA9106 Datasheet HTML 24Page - STMicroelectronics TDA9106 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
20k
Ω
220nF
13
From
Phase
Comparator
NOR1
A
6.5V
B
H-Lock CAP
37 HLOCKOUT
6V
5V
Figure 12 : LOCK/UNLOCK Block Diagram
OPERATING DESCRIPTION (continued)
When PLL1 is unlocked, the 100ns negative pulse
on A becomes much larger and consequently the
average level on Pin 13 decreases. It forces Hlock-
out to go high.
The Pin 13 status is approximately the following :
- near 0V when there is no H-Sync
- between 0 and 4V with H-Sync frequency differ-
ent from VCO
- between 4 to 8 V when VCO frequency reaches
H-Sync one (but not already in phase)
- near 8V when PLL1 is locked.
It is important to notice that Pin 13 is not an
output pin but is only used for filtering purpose
(see Figure 12).
The lock/unlock information is also available throw
I
2C read.
II.3 - PLL2
The PLL2 ensures a constant position of the
shaped flyback signal in comparion with the saw-
tooth of the VCO (Figure 13).
H Osc
Sawtooth
H Drive
1.6V
4.0V
6.4V
7/8T
H
1/8T
H
Ts
Duty Cycle
Internally
Shaped Flyback
Flyback
The duty cycle of H-drive is adjustable between 30% and 60%.
Figure 13 : PLL2 Timing Diagram
20k
Ω
Q1
GND 0V
6
HFLY
400
Ω
Figure 14 : Flyback Input Electrical Diagram
The phase comparator of PLL2 (phase type com-
parator) is followed by a charge pump with
± 0.5mA
(typ.) output current.
The flyback input is composed of an NPN transis-
tor. This input must be current driven. The maxi-
mum rec om ma nd ed input current is 2mA
(see Figure 14).
The duty cycle is adjustable through I
2C from 30%
to 60%. For Start Up safe operation, initial duty
cycle (after Power on reset) is 60% so as to avoid
too long conduction of BU transistor.
Maximum storage time is about 43.75% - (Tfly/2.TH).
Typically, Tfly/TH is around20% thatmeansTs max is
around 33.75%.
II.4 - Output Section
The H-drive signal is transmitted to the output
through a shaping block ensuring Ts and I
2Cad-
justable duty cycle. In order to secure scanning
power part operation, the output is inhibited in the
following circumstances :
-VCC too low
- Xray protection activated
- During horizontal flyback
-I
2C bit control (voluntary inhibition by MCU).
The output stage is composed of a NPN Darlington
bipolar transistor. Both the collector and the emittor
are accessible (see Figure 16).
The output Darlington is in off-statewhen the power
scanning transistor is also in off-state.
TDA9106
21/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com