Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109N Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA9109N
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109N Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA9109N Datasheet HTML 17Page - STMicroelectronics TDA9109N Datasheet HTML 18Page - STMicroelectronics TDA9109N Datasheet HTML 19Page - STMicroelectronics TDA9109N Datasheet HTML 20Page - STMicroelectronics TDA9109N Datasheet HTML 21Page - STMicroelectronics TDA9109N Datasheet HTML 22Page - STMicroelectronics TDA9109N Datasheet HTML 23Page - STMicroelectronics TDA9109N Datasheet HTML 24Page - STMicroelectronics TDA9109N Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
OPERATING DESCRIPTION (continued)
Horizontal Flyback
Internal Trigged
Horizontal Flyback
Horizontal Focus
Cap Sawtooth
Horizontal Dynamic
Focus Parabola
Output
4.7V
2V
2V
400ns
Figure 15
III - VERTICAL PART
III.1 - Function
When the synchronization pulse is not present, an
internal current source sets the free running fre-
quency. For an external capacitor, COSC = 150nF,
the typical free running frequency is 100Hz.
The typical free running frequency can be calcu-
lated by :
f0 (Hz)= 1.5 ⋅ 10
−5 ⋅ 1
COSC
A negative or positive TTL level pulse applied on
Pin 2 (VSYNC)as well as a TTLcomposite sync on
Pin 1 can synchronize the ramp in the range
[fmin , fmax]. This frequencyrange depends on the
ext e rn al capa c it or con nect ed on Pin 2 2.
A 150nF (
±5%) capacitor is recommended for
50Hz to 165Hz applications.
The typical maximum and minimum frequency, at
25
oC and without any correction (S correction or
C correction), can be calculated by :
f(Max.) = 2.5 x f0 and f(Min.) = 0.33 x f0
If S or C corrections are applied, these values are
slighty affected.
If a synchronization pulse is applied, the internal
oscillator is synchonized immediately but its am-
plitude changes. An internal correction then ad-
justs it in less than half a second. The top value of
the ramp (Pin 22) is sampled on the AGC capacitor
(Pin 20) at each clock pulse and a transconduc-
tance amplifier modifies the charge current of the
capacitor in such a way to make the amplitude
again constant.
The read status register provides the vertical Lock-
Unlock and the vertical sync polarity information.
We recommend the use of an AGC capacitor with
low leakage current. A value lower than 100nA is
mandatory.
A good stability of the internal closed loop is
reached by a 470nF
± 5% capacitor value on
Pin 20 (VAGC).
III.2 - I
2C Control Adjustments
S and C correction shapes can then be added
to this ramp. These frequency independent S
and C corrections are generated internally.
Their amplitudes are adjustable by their respec-
tive I
2C registers. They can also be inhibited by
the ir select bits.
Finally, the amplitude of this S and C corrected
ramp can be adjusted by the vertical ramp ampli-
tude control register.
The adjusted ramp is available on Pin 23 (VOUT)to
drive an external power stage.
The gain of this stage can be adjusted (
±25%)
depending on its register value.
The mean value of this ramp is driven by its own
I
2C register (vertical position). Its value is
VPOS = 7/16
⋅ VREF-V ± 300mV.
Usually VOUT is sent through a resistive divider to
the inverting input of the booster. Since VPOS
derives from VREF-V, the bias voltage sent to the
non-inverting input of the booster should also de-
rive from VREF-V to optimize the accuracy (see Ap-
plication Diagram).
III.3 - Vertical Moiré
By using the vertical moiré, VPOS can be modu-
lated from frame to frame. This function is intended
to cancel the fringes which appear when line to line
interval is very close to the CRT vertical pitch.
The amplitude of the modulation is controlled by
register VMOIRE on sub-address 0C and can be
switched-off via the control bit D7.
TDA9109/N
21/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com