Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109N Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA9109N
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109N Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA9109N Datasheet HTML 20Page - STMicroelectronics TDA9109N Datasheet HTML 21Page - STMicroelectronics TDA9109N Datasheet HTML 22Page - STMicroelectronics TDA9109N Datasheet HTML 23Page - STMicroelectronics TDA9109N Datasheet HTML 24Page - STMicroelectronics TDA9109N Datasheet HTML 25Page - STMicroelectronics TDA9109N Datasheet HTML 26Page - STMicroelectronics TDA9109N Datasheet HTML 27Page - STMicroelectronics TDA9109N Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
IV - DC/DC CONVERTER PART
OPERATING DESCRIPTION (continued)
This unit controls the switch-mode DC/DC con-
verter. It converts a DC constant voltage into the
B+ voltage (roughly proportional to the horizontal
frequency) necessary for the horizontal scanning.
This DC/DC converter can be configured either in
step-up or step-down mode. In both cases it oper-
ates very similarly to the well known UC3842.
IV.1 - Step-up Mode
Operating Description
- The power MOS is switched-on during the flyback
(at the beginning of the positive slope of the
horizontal focus sawtooth).
- The power MOS is switched-off when its current
reachesa predeterminedvalue. For this purpose,
a sense resistor is inserted in its source. The
voltage on this resistor is sent to Pin16 (ISENSE).
- The feedback (coming either from the EHV or from
the flyback) is divided to a voltage close to 4.8V and
compared to the internal 4.8V reference (IVREF). The
differenceis amplifiedby an error amplifier, the output
of which controls the power MOS switch-off current.
Main Features
- Switching synchronized on the horizontal fre-
quency,
- B+ voltage always higher than the DC source,
- Current limited on a pulse-by-pulse basis.
IV.2 - Step-down Mode
In step-down mode, the Isense information is not
used any more and therefore not sent to the Pin16.
This mode is selected by connecting this Pin16 to
a DC voltage higher than 6V (for example VREF-V).
Operating Description
- The power MOS is switched-onas for the step-up
mode.
- The feedback to the error amplifier is done as for
the step-up mode.
- The power MOS is switched-off when the
HFOCUSCAP voltage get higher than the error
amplifier output voltage.
Main Features
- Switching synchronized on the horizontal fre-
quency,
- B+ voltage always lower than the DC source,
- No current limitation.
IV.3- Step-up and Step-down Mode Comparison
In step-down mode the control signal is inverted
compared with the step-up mode.
The reason for this is the following :
- In step-up mode, the switch is a N-channel MOS
referenced to ground and made conductive by a
high level on its gate.
- In step-down, a high-side switch is necessary. It
can be either a P- or a N-channel MOS.
- Fora P-channelMOS,thegateis controlleddirectly
fromPin28througha capacitor(this allowstospare
a Transformer).In thiscase,a negative-goingpulse
is neededto makethe MOS conductive.Therefore
it is necessary to invert the control signal.
- For a N-channel MOS, a transformer is needed
to control the gate. The polarity of the trans-
former can be easily adapted to the negative-
going control pulse.
16
14
15
V
B+
L
+
8V
6V
C4
C3
C2
1/3
Σ
C1
Horizontal Dynamic
Focus Sawtooth
down
up
S
R
Q
HDF Disc
400ns
down
up
Inhibit SMPS
28
12V
Command step-up/down
BOUT
I
SENSE
COMP
REGIN
95dB
A
± I
adjust
DAC
7bits
I2C
TDA9109/N
1M
Ω
22k
Ω
1.2V
1.2V
4.8V
±20%
8V
Figure 18 : DC/DC Converter
TDA9109/N
24/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com