Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61518FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61518FP
Description  Audio Signal Processor with Rec/Play Back Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61518FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61518FP Datasheet HTML 8Page - Renesas Technology Corp M61518FP Datasheet HTML 9Page - Renesas Technology Corp M61518FP Datasheet HTML 10Page - Renesas Technology Corp M61518FP Datasheet HTML 11Page - Renesas Technology Corp M61518FP Datasheet HTML 12Page - Renesas Technology Corp M61518FP Datasheet HTML 13Page - Renesas Technology Corp M61518FP Datasheet HTML 14Page - Renesas Technology Corp M61518FP Datasheet HTML 15Page - Renesas Technology Corp M61518FP Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
M61518FP
REJ03F0205-0201 Rev.2.01 Mar 30, 2008
Page 13 of 15
Tone Control Equivalent Circuit
Bass, Mid, Treble Circuit composition is common
(1) Boost equivalent circuit
+
–
22
21
IN
R3
R2
OUT
BASO1
BASI1
C1
R1
C2
f0 =
1
2
π
R1 (R2 + R3) C1C2
(HZ)
Q
≈
1
C1 + C2
C1C2R2
R1
(In the case of C1 = C2)
(dB)
R2 + R3
R1
R3
R1
Gv = 20 Iog
+ 2
+ 2
R2, R3 Standard value (Reference)
Gain
2 dB
4 dB
6 dB
8 dB
10 dB
R2
10.46
18.77
25.36
30.61
34.77
Resistance
(k
Ω)
R3
26.79
18.48
11.89
6.64
2.48
(2) Cut equivalent circuit
+
–
21
22
IN
R2
R3
OUT
BASI1
BASO1
C2
R1
C1
f0 =
1
2
π
R1 (R2 + R3) C1C2
(HZ)
Q
≈
1
C1 + C2
C1C2R2
R1
(in the case of C1 = C2)
(dB)
R2 + R3
R1
R3
R1
Gv = 20 Iog
+ 2
+ 2
R2, R3 Standard value (Reference)
Gain
–2 dB
–4 dB
–6 dB
–8 dB
–10 dB
R2
10.46
18.77
25.36
30.61
34.77
Resistance
(k
Ω)
R3
26.79
18.48
11.89
6.64
2.48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com