Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61518FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M61518FP
Description  Audio Signal Processor with Rec/Play Back Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61518FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M61518FP Datasheet HTML 1Page - Renesas Technology Corp M61518FP Datasheet HTML 2Page - Renesas Technology Corp M61518FP Datasheet HTML 3Page - Renesas Technology Corp M61518FP Datasheet HTML 4Page - Renesas Technology Corp M61518FP Datasheet HTML 5Page - Renesas Technology Corp M61518FP Datasheet HTML 6Page - Renesas Technology Corp M61518FP Datasheet HTML 7Page - Renesas Technology Corp M61518FP Datasheet HTML 8Page - Renesas Technology Corp M61518FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
M61518FP
REJ03F0205-0201 Rev.2.01 Mar 30, 2008
Page 2 of 15
System Block Diagram
PH
RH
1
2
3
IN1
TP
TP
TP
TP
+
–
+10 dB
P.B EQ.
MD Rec in 1 Mic 1
MD Rec in 2 Mic 2
Bias
REC EQ.
+
–
Rec mute SW
Input Vol
Output Vol
0 dB to –70 dB
+18 dB to +2 dB
Tone
(Bass/Mid/Tre)
+
–
µ-COM
Interface
OUT1
PH
RH
1
2
3
IN2
TP
TP
TP
TP
+10 dB
P.B EQ.
Bias
REC EQ.
+
–
Rec mute SW
Input Vol
Output Vol
0 dB to –70 dB
+18 dB to +2 dB
Tone
(Bass/Mid/Tre)
OUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com