Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61519FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61519FP
Description  Audio Signal Processor with Surround
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61519FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61519FP Datasheet HTML 9Page - Renesas Technology Corp M61519FP Datasheet HTML 10Page - Renesas Technology Corp M61519FP Datasheet HTML 11Page - Renesas Technology Corp M61519FP Datasheet HTML 12Page - Renesas Technology Corp M61519FP Datasheet HTML 13Page - Renesas Technology Corp M61519FP Datasheet HTML 14Page - Renesas Technology Corp M61519FP Datasheet HTML 15Page - Renesas Technology Corp M61519FP Datasheet HTML 16Page - Renesas Technology Corp M61519FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
M61519FP
REJ03F0206-0201 Rev.2.01 Mar 31, 2008
Page 13 of 21
Function Description
(1) Equivalent circuit of tone control
(a) Mid
C1
R1
C2
R3
R2
Boost Mode
IN
IN
OUT
f0 =
GV =
Q
≅
2
π R1 (R2 + R3) C1C2
1
(HZ)
(dB)
R3 = 0
(C1 = C2)
C1 + C2
1
C1C2R2
R1
20 log
R1
R3
+ 2
R1
R2 + R3 + 2
Cut Mode
+
–
+
–
C1
C2
R2
R3
R1
OUT
f0 =
GV =
Q
≅
2
π R1 (R2 + R3) C1C2
1
(HZ)
(dB)
(R3 = 0)
(C1 = C2)
C1 + C2
1
C1C2R2
R1
20 log
R1
R3
+ 2
R1
R2 + R3 + 2
(b) Bass
C
R
CC
R1
R2
Boost Mode
IN
IN
OUT
Cut Mode
+
–
+
–
R2
R1
OUT
f0 =
GV =
2
π CR (R1 + R2)
R + R1
(HZ)
(dB)
20 log
R + R1 + R2
R + R1
f0 =
GV =
2
π CR (R1 + R2)
R + R1
(HZ)
(dB)
20 log
R + R1
R + R1 + R2
C
R
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com