Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61519FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M61519FP
Description  Audio Signal Processor with Surround
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61519FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M61519FP Datasheet HTML 14Page - Renesas Technology Corp M61519FP Datasheet HTML 15Page - Renesas Technology Corp M61519FP Datasheet HTML 16Page - Renesas Technology Corp M61519FP Datasheet HTML 17Page - Renesas Technology Corp M61519FP Datasheet HTML 18Page - Renesas Technology Corp M61519FP Datasheet HTML 19Page - Renesas Technology Corp M61519FP Datasheet HTML 20Page - Renesas Technology Corp M61519FP Datasheet HTML 21Page - Renesas Technology Corp M61519FP Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
M61519FP
REJ03F0206-0201 Rev.2.01 Mar 31, 2008
Page 21 of 21
Package Dimensions
SSOP42-P-450-0.80
Weight(g)
—
JEDEC Code
0.63
EIAJ Package Code
Lead Material
Alloy 42/Cu Alloy
42P2R-A
Plastic 42pin 450mil SSOP
Symbol
Min
Nom
Max
A
A2
b
c
D
E
L
L1
y
Dimension in Millimeters
HE
A1
I2
—
—
.35
0
.05
0
.13
0
.3
17
.2
8
—
.63
11
.3
0
—
—
—
.27
1
—
—
.0
2
.4
0
.15
0
.5
17
.4
8
.8
0
.93
11
.5
0
.765
1
—
.43
11
—
—
.4
2
—
.5
0
.2
0
.7
17
.6
8
—
.23
12
.7
0
—
.15
0
—
—
b2
—
0.5
—
0°
—
10°
e
e1
42
22
21
1
D
e
y
F
A
A2
A1
c
e
b2
Recommended Mount Pad
Detail F
z
Z1
Detail G
—
—
Z1
0.75
—
—
0.9
z
b
G
MMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com