Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61540FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61540FP
Description  6ch Electronic Volume with 5 Input Selector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61540FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61540FP Datasheet HTML 9Page - Renesas Technology Corp M61540FP Datasheet HTML 10Page - Renesas Technology Corp M61540FP Datasheet HTML 11Page - Renesas Technology Corp M61540FP Datasheet HTML 12Page - Renesas Technology Corp M61540FP Datasheet HTML 13Page - Renesas Technology Corp M61540FP Datasheet HTML 14Page - Renesas Technology Corp M61540FP Datasheet HTML 15Page - Renesas Technology Corp M61540FP Datasheet HTML 16Page - Renesas Technology Corp M61540FP Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
M61540FP
Preliminary
Rev.1.0, May.31.2004, page 13 of 16
Tone Control
(1) Bass
R1
C1
C2
R2
R3
IN
OUT
< Boost >
f0 =
Q =
Gv =
2
R1(R2+R3)C1C2
1
(R2+R3)R1C1C2
R1(C1+C2)+R3C1
20 log
R1(C1+C2)+(R2+R3)C1
R1(C1+C2)+R3C1
(Hz)
(dB)
R3
R2
IN
OUT
< Cut >
f0 =
2
R1(R2+R3)C1C2
1
(Hz)
Q =
Gv =
(R2+R3)R1C1C2
R1(C1+C2)+R3C1
20 log
R1(C1+C2)+(R2+R3)C1
R1(C1+C2)+R3C1
(dB)
0.047
0.15
4.7K
C2
0.15
C1
0.047
R1
4.7K
π
µµ
+
+
+
+
π
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com